Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4830CS Datasheet HTML 2Page - Micro Linear Corporation ML4830CS Datasheet HTML 3Page - Micro Linear Corporation ML4830CS Datasheet HTML 4Page - Micro Linear Corporation ML4830CS Datasheet HTML 5Page - Micro Linear Corporation ML4830CS Datasheet HTML 6Page - Micro Linear Corporation ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation ML4830CS Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ML4830
6
The output of the gain modulator appears as a voltage
across the 14K resistor (Figure 1) on the positive terminal
of IA to form the reference for the current error amplifier.
When the loop is in regulation, the negative voltage on
IA+/I(LIM) (Pin 4) keeps the positive terminal of IA at 0V.
V
I SINE
VEA
k
MUL ≈×
×
−
×
Ω
0 034
1 1
14
.(
) (
. ) (
)
(1)
where: I(SINE) is the current in the dropping resistor,
V(EA) is the output of the error amplifier (Pin 20).
The output of the gain modulator is limited to 0.88V.
AVERAGE CURRENT AND OUTPUT VOLTAGE
REGULATION
The PWM regulator in the PFC Control section will act to
offset the positive voltage caused by the multiplier output
by producing an offsetting negative voltage on the current
sense resistor at Pin 4. A cycle-by-cycle current limit is
included to protect the MOSFET from high speed current
transients. When the voltage at Pin 4 goes negative by
more than 1V, the PFC cycle is terminated.
For more information on compensating the average
current and boost voltage error amplifier loops, see
Application Note 16 .
Figure 1. ML4830 Block Diagram
12
R(X)/C(X)
INTERRUPT
VCC
VREF
GND
OVP/INHIBIT
IA OUT
IA –
IA+/
I(LIM)
I(SINE)
EA OUT
EA –
10
17
18
13
11
2
1
4
3
20
19
OUT B
14
+
–
+
–
+
–
+
–
–
+
+
–
–
+
–
+
–
+
VREF
VREF
5V
6.8V
2.6V
–1V
PREHEAT
AND
INTERRUPT
TIMER
UNDER-VOLTAGE
AND THERMAL
SHUTDOWN
IA
14K
A1
2.5V
+
–
I(LIM)
EA
LFB OUT
S
R
Q
S
R
Q
T
Q
Q
PWM
VCO–O
OUT A
15
PFC OUT
16
R(T)/C(T)
9
R(SET)
IR(SET)
7
LAMP F.B.
5
MODE
8
LFB OUT
6
OSCILLATOR
LOGIC
VCO–O PWM
CLK
INH
GAIN
MODULATORS
OVERVOLTAGE PROTECTION AND INHIBIT
The OVP/INHIBIT pin serves to protect the power circuit
from being subjected to excessive voltages if the load
should change suddenly (lamp removal). A divider from
the high voltage DC bus (Figure 8: R14, R24) sets the
OVP trip level. When the voltage on Pin 11 exceeds 5V,
the PFC transistor is inhibited. The ballast section will
continue to operate. If Pin 11 is driven above 6.8V, the
IC is inhibited and goes into the low quiescent mode.
The OVP threshold should be set to a level where the
power components are safe to operate, but not so low
as to interfere with the boost voltage regulation loop
(R11, R12, R23).
BALLAST OUTPUT SECTION
The IC controls output power to the lamps in one of three
different modes. The Mode pin (Pin 8) sets the operating
mode of the IC. With Pin 8 at GND, the output section is
in the Frequency Modulation mode with non-overlapping
conduction, which means that both ballast output drivers
will be low during tDIS (Figure 2). In the overlapping mode
(VCO-O), Pin 8 is left open and the transition from OUT A
high to OUT B high occurs with no dead time. This mode
is typically used in current fed ballast topologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com