Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 49 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 45Page - ON Semiconductor AS0260 Datasheet HTML 46Page - ON Semiconductor AS0260 Datasheet HTML 47Page - ON Semiconductor AS0260 Datasheet HTML 48Page - ON Semiconductor AS0260 Datasheet HTML 49Page - ON Semiconductor AS0260 Datasheet HTML 50Page - ON Semiconductor AS0260 Datasheet HTML 51Page - ON Semiconductor AS0260 Datasheet HTML 52Page - ON Semiconductor AS0260 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
49
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
UVC Interface
The AS0260 supports a set of UVC (USB Video Class) controls, in order to simplify the
integration of the AS0260 with a host's USB bridge (or ISP) device.
The AS0260 firmware includes a 'UVC Control' component that augments the CamCon-
trol variables. The UVC Control component sits above the CamControl interface (in
terms of abstraction) and acts as a 'virtual host'. The intention is that CamControl and
all other components are unaware of the UVC Control component.
UVC Control exposes a new 'UVC control' page of shared variables to the host. This page
contains variables compliant with the UVC 1.1 specification (where possible). The vari-
ables on this page are named to match the UVC specification, and have matching data
sizes, units and ranges as required. Each UVC variable is 'virtual' - it does not control any
AS0260 function directly.
AS0260 therefore provides a 'dual-personality' host interface:
The primary CamControl interface, this interface exposes the full feature-set of the
device.
The secondary UVC Control interface, which simplifies integration of AS0260 into a PC-
Cam application.
Constraints
There are a number of constraints imposed on the host in order to simplify the imple-
mentation of the UVC feature; the following sections will detail the limitations.
No Simultaneous Operation There is a constraint that these two interfaces should not
be used by the host simultaneously. The assumption is that the host will use the
CamControl interface at start-up to configure the part as desired. The host can then
continue to use the CamControl interface, or it can use the UVC Control interface. The
reason for this constraint is that as stated earlier, the UVC Control component acts as a
virtual host - the other firmware components do not know of its existence. UVC Control
modifies selected CamControl variables in order to control the AS0260.
No Coherency The AS0260 cannot guarantee coherency between the UVC Control
interface and the CamControl interface. The value of variables on the UVC Control page
may only reflect the last change made by the host (or the default value) - there is no
immediate coherency between a UVC Control variable and its equivalent CamControl
counterpart.
For example, suppose the host sets the desired scene brightness via the UVC Control
page. The AS0260 then sets the target brightness via the CamControl page. Reading the
current desired brightness on the UVC Control will return the original UVC value, not
the actual value being used by the AS0260.
Note however that the converse is not true; changes to UVC Control variables are
reflected in the CamControl Control variables, because the UVC Control feature acts as a
virtual host - it modifies the CamControl variables itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com