Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 28Page - ON Semiconductor AS0260 Datasheet HTML 29Page - ON Semiconductor AS0260 Datasheet HTML 30Page - ON Semiconductor AS0260 Datasheet HTML 31Page - ON Semiconductor AS0260 Datasheet HTML 32Page - ON Semiconductor AS0260 Datasheet HTML 33Page - ON Semiconductor AS0260 Datasheet HTML 34Page - ON Semiconductor AS0260 Datasheet HTML 35Page - ON Semiconductor AS0260 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
32
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Image Scaling and Cropping
To ensure that the size of images output by the AS0260 can be tailored to the needs of all
users, the IFP includes a scaler module. When enabled, this module performs rescaling
of incoming images—shrinks them to arbitrarily selected width and height without
reducing the field of view and without discarding any pixel values.
By configuring the cropped and output windows to various sizes, different zooming
levels including 4X, 2X, and 1X can be achieved. The location of the cropped window is
configurable so that panning is also supported. The height and width definitions for the
output window must be equal to or smaller than the cropped image. The image crop-
ping and scaler module can be used together to implement a digital zoom and pan.
Hue Rotate
The AS0260 has integrated hue rotate. This feature will help for improving the color
image quality and give customers the flexibility for fine color adjustment and special
color effects.
Figure 24:
0° Hue
Table 9:
Hue Control
Variable
Name
Function
R0x3210[9]
Enable Hue Rotate
Setting this bit to 1 enables hue rotate
VAR(0x12,0x73)
Hue Angle
Adjusts the global hue angle adjustment (if
enabled).
0xEA = –22
0x00 = 0
0x16 = +22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com