Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 14Page - ON Semiconductor AS0260 Datasheet HTML 15Page - ON Semiconductor AS0260 Datasheet HTML 16Page - ON Semiconductor AS0260 Datasheet HTML 17Page - ON Semiconductor AS0260 Datasheet HTML 18Page - ON Semiconductor AS0260 Datasheet HTML 19Page - ON Semiconductor AS0260 Datasheet HTML 20Page - ON Semiconductor AS0260 Datasheet HTML 21Page - ON Semiconductor AS0260 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
18
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Figure 11:
Imaging a Scene
The sensor core supports different readout options to modify the image before it is sent
to the IFP. The readout can be limited to a specific window size of the original pixel array.
By changing the readout directions, the image can be flipped in the vertical direction
and/or mirrored in the horizontal direction.
The image output size is set by programming row and column start and end address
variables.
When the sensor is configured to mirror the image horizontally, the order of pixel
readout within a row is reversed, so that readout starts from the last column address and
ends at the first column address. Figure 12 shows a sequence of 3 pixels being read out
with normal readout and reverse readout (Bayer8 + 2 mode shown). This change in
sensor core output is corrected by the IFP.
Figure 12:
Three Pixels in Normal and Column Mirror Readout Mode
When the sensor is configured to flip the image vertically, the order in which pixel rows
are read out is reversed, so that row readout starts from the last row address and ends at
the first row address. Figure 13 on page 14 shows a sequence of 6 rows being read out
with normal readout and reverse readout. This change in sensor core output is corrected
by the IFP.
Lens
Pixel (0,0)
Row
Readout
Order
Column Readout Order
Scene
Sensor (rear view)
DOUT[7:0]
LINE_VALID
Normal readout
G0
(9:2)
G0
(1:0)
R0
(9:2)
R0
(1:0)
G1
(9:2)
G1
(1:0)
Reverse readout
G1
(1:0)
G1
(9:2)
R0
(9:2)
R0
(1:0)
G0
(9:2)
G0
(1:0)
DOUT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com