Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 9Page - ON Semiconductor AS0260 Datasheet HTML 10Page - ON Semiconductor AS0260 Datasheet HTML 11Page - ON Semiconductor AS0260 Datasheet HTML 12Page - ON Semiconductor AS0260 Datasheet HTML 13Page - ON Semiconductor AS0260 Datasheet HTML 14Page - ON Semiconductor AS0260 Datasheet HTML 15Page - ON Semiconductor AS0260 Datasheet HTML 16Page - ON Semiconductor AS0260 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
13
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Soft Reset
The host processor can reset the AS0260 using the two-wire serial interface by writing to
SYSCTL 0x001A. SYSCTL 0x001A[0] is used to reset the AS0260 which is similar to
external RESET_BAR signal.
1. Set SYSCTL 0x001A[0] to 0x1 to initiate internal reset cycle.
2. Reset SYSCTL 0x001A[0] to 0x0 for normal operation.
3. Delay up to 35 ms, depending on EXTCLK frequency.
Figure 6:
Soft Reset Operation
Notes:
1. This delay is dependent on EXTCLK frequency.
2. Assumes that CONFIG/GPIO1 = 1.
Shutdown Mode
The shutdown mode is entered when the SHUTDOWN pin is asserted. All power to the
AS0260 is disabled and no state, register, or patch information is retained. De-assertion
of the SHUTDOWN pin will cause a full POR.
Table 5:
Soft Reset Signal Timing
Symbol
Parameter
Min
Typ
Max
Unit
t1
Maximum soft reset time1
––
35
ms
EXTCLK
SDATA
Mode
Write Soft
Reset Command
Resetting Registers
Enter Streaming Mode
t1
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com