Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 35Page - ON Semiconductor AS0260 Datasheet HTML 36Page - ON Semiconductor AS0260 Datasheet HTML 37Page - ON Semiconductor AS0260 Datasheet HTML 38Page - ON Semiconductor AS0260 Datasheet HTML 39Page - ON Semiconductor AS0260 Datasheet HTML 40Page - ON Semiconductor AS0260 Datasheet HTML 41Page - ON Semiconductor AS0260 Datasheet HTML 42Page - ON Semiconductor AS0260 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
39
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Exposure Control
To achieve the required amount of exposure, the AE driver adjusts the sensor integration
time, gains and IFP digital gains. In addition, a variable is available for the user to adjust
the overall brightness of the scene. To reject flicker, integration time is typically adjusted
in increments of steps. The incremental step specifies the duration in row times equal to
one flicker period. Thus, flicker is rejected if integration time is kept a natural factor of
the flicker period.
Auto White Balance
The AS0260 has a built-in AWB algorithm designed to compensate for the effects of
changing spectra of the scene illumination on the quality of the color rendition. The
algorithm consists of two major parts: a measurement engine performing statistical
analysis of the image and a driver performing the selection of the optimal color correc-
tion matrix and SOC digital gain. While default settings of these algorithms are adequate
in most situations, the user can reprogram base color correction matrices, place limits
on color channel gains, and control the speed of both matrix and gain adjustments. The
AS0260 AWB displays in color temperature, the range of which is defined by the
programming of the CCM matrixes.
Flicker Detection and Avoidance
Flicker occurs when the integration time is not an integer multiple of the period of the
light intensity. The AS0260 can be programmed to detect and avoid flicker for 50 or
60 Hz. For integration times below the light intensity period (10ms for 50Hz environ-
ment), flicker cannot be avoided. The AS0260 supports an indoor AE mode, that will
ensure flicker-free operation. The AS0260 will calculate all flicker parameter based on
the sensor settings which are programmed in the cam control variables.
Ambient Light Measurement
To facilitate the measurement of the ambient light lux level used in the dimming of note-
book computer LCD screens and other light-sensitive peripherals, the AS0260 has an
ambient light measurement mode. This mode takes the image data from the scene and
translates it to a value that can be read by the host system over the two-wire serial inter-
face. This ambient light measurement can be made during normal video streaming or
during soft-standby.
Presence Detection
The AS0260 offers a presence detection mode to reduce the amount of processing the
host system needs to do in power regulation (LCD dimming or on/off controls) func-
tions. This presence detection mode operates only when the AS0260 is placed in soft-
standby mode. When the presence of a large object (like a person sitting down in front of
a notebook computer) is detected by the image sensor, a register bit is changed to indi-
cate an object's presence has been detected. During presence detection mode, the host
system is expected to regularly poll this bit over the two-wire serial interface to deter-
mine if and when an object's presence has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com