Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 40Page - ON Semiconductor AS0260 Datasheet HTML 41Page - ON Semiconductor AS0260 Datasheet HTML 42Page - ON Semiconductor AS0260 Datasheet HTML 43Page - ON Semiconductor AS0260 Datasheet HTML 44Page - ON Semiconductor AS0260 Datasheet HTML 45Page - ON Semiconductor AS0260 Datasheet HTML 46Page - ON Semiconductor AS0260 Datasheet HTML 47Page - ON Semiconductor AS0260 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
44
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Figure 29:
JPEG Spoof Mode Timing with Continuous Clock
JPEG Spoof Stream in MIPI Output Mode
In MIPI output mode, only the JPEG spoof stream can be output. Similar to the parallel
output interface, the amount of expected pixel data is defined by the spoof width and
spoof height registers. If the valid JPEG data is less than expected size defined, dummy
data will be padded.
JPEG Status Segment
To provide the user quick knowledge of the status when the JPEG is enabled, a JPEG
status segment can be appended at the end of frame. The status segment can be
enclosed by SOSI/EOSI codes, as shown in Figure 30.
Figure 30:
JPEG Status Segment Structure
The contents of the status segment are summarized as follows:
• SOSI, start of status information, which is coded as 0xFFBC
•Original image size:
– Reserved (4 bytes, 0x00)
– The width of uncompressed full image (2 bytes)
– The height of uncompressed full image (2 bytes)
• Byte count in compressed JPEG frame (4 bytes)
• Status (2 bytes)
• EOSI, end of status information, which is coded as 0xFFBD
There are configurable options that can be set to match legacy parts.
Scalado SpeedTags™ Support
The AS0260 supports Scalado SpeedTags™ by inserting markers into the JPEG stream.
This is enabled by the register bit TX_SS.jpeg_ctrl.jpeg_insert_rajpeg_markers.
Status Segment
Dummy Data
FV
LV
PIXCLK
DOUT[7:0]
SOSI
0xFFBC
(optional)
EOSI
0xFFBD
(optional)
Original
Image Size 8 bytes
(optional)
TXF
Status
(2 bytes)
Frame
Length
(4 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com