Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 12Page - ON Semiconductor AS0260 Datasheet HTML 13Page - ON Semiconductor AS0260 Datasheet HTML 14Page - ON Semiconductor AS0260 Datasheet HTML 15Page - ON Semiconductor AS0260 Datasheet HTML 16Page - ON Semiconductor AS0260 Datasheet HTML 17Page - ON Semiconductor AS0260 Datasheet HTML 18Page - ON Semiconductor AS0260 Datasheet HTML 19Page - ON Semiconductor AS0260 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
16
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Sensor Control
The sensor core of the AS0260 is a progressive-scan sensor that generates a stream of
pixel data at a constant frame rate. Figure 9 shows a block diagram of the sensor core.
The timing and control circuitry sequences through the rows of the array, resetting and
then reading each row in turn. In the time interval between resetting a row and reading
that row, the pixels in the row integrate incident light. The exposure is controlled by
varying the time interval between reset and readout. Once a row has been selected, the
data from each column is sequenced through an analog signal chain, including offset
correction, gain adjustment, and ADC. The final stage of sensor core converts the output
of the ADC into 10-bit data for each pixel in the array.
The pixel array contains optically active and light-shielded (dark) pixels. The dark pixels
are used to provide data for the offset-correction algorithms (black level control).
The sensor core contains a set of control and status registers that can be used to control
many aspects of the sensor behavior including the frame size, exposure, and gain
setting. These registers are controlled by the MCU firmware and are also accessible by
the host processor through the two-wire serial interface.
The output from the sensor core is a Bayer pattern; alternate rows are a sequence of
either green and red pixels or blue and green pixels. The analog signal chain provides
per-color control of the pixel data.
Figure 9:
Sensor Core Block Diagram
Sensor Core
Control Registers
System Control
10-Bit
Data Out
G1/G2
R/B
G1/G2
R/B
Green1/Green2
Channel
Red/Blue
Channel
1080p
Active-Pixel
Sensor (APS)
Array
Analog
Processing
ADC
Digital
Processing
Timing
and
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com