Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 49 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 45Page - ON Semiconductor ASX340AT Datasheet HTML 46Page - ON Semiconductor ASX340AT Datasheet HTML 47Page - ON Semiconductor ASX340AT Datasheet HTML 48Page - ON Semiconductor ASX340AT Datasheet HTML 49Page - ON Semiconductor ASX340AT Datasheet HTML 50Page - ON Semiconductor ASX340AT Datasheet HTML 51Page - ON Semiconductor ASX340AT Datasheet HTML 52Page - ON Semiconductor ASX340AT Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
49
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Modes and Timing
This section provides an overview of the typical usage modes and related timing infor-
mation for the ASX340AT.
Composite Video Output
The external pin DOUT_LSB0 can be used to configure the device for default NTSC or PAL
operation (auto-config mode). This and other video configuration settings are available
as register settings accessible through the serial interface.
NTSC
Both differential and single-ended connections of the full NTSC format are supported.
The differential connection that uses two output lines is used for low noise or long
distance applications. The single-ended connection is used for PCB tracks and screened
cable where noise is not a concern. The NTSC format has three black lines at the bottom
of each image for padding (which most LCDs do not display).
PAL
The PAL format is supported with 576 active image rows.
Single-Ended and Differential Composite Output
The composite output can be operated in a single-ended or differential mode by simply
changing the external resistor configuration. Refer to the Developer Guide for configura-
tion options.
Parallel Output (DOUT)
The DOUT[7:0] port supports both progressive and Interlaced mode. Progressive mode
(with FV and LV signal) include raw bayer(8 or 10 bit), YCbCr, RGB. Interlaced mode is
CCIR656 compliant.
Figure 29 shows the data that is output on the parallel port for CCIR656. Both NTSC and
PAL formats are displayed. The blue values in Figure 29 represent NTSC (525/60). The
red values represent PAL (625/50).
Figure 29:
CCIR656 8-Bit Parallel Interface Format for 525/60 (625/50) Video Systems
F
F
0
0
0
0
X
Y
8
0
1
0
8
0
1
0
8
0
1
0
F
F
0
0
0
0
X
Y
C
B
Y
C
R
Y
C
B
Y
C
R
Y
C
R
Y
F
F
4
4
268
280
4
4
1440
1440
1716
1728
EAV CODE
BLANKING
SAV CODE
CO-SITED _
CO-SITED _
Start of digital line
Start of digital active line
Next line
Digital
video
stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com