Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 3 Page - ON Semiconductor

  ASX340AT Datasheet HTML 1Page - ON Semiconductor ASX340AT Datasheet HTML 2Page - ON Semiconductor ASX340AT Datasheet HTML 3Page - ON Semiconductor ASX340AT Datasheet HTML 4Page - ON Semiconductor ASX340AT Datasheet HTML 5Page - ON Semiconductor ASX340AT Datasheet HTML 6Page - ON Semiconductor ASX340AT Datasheet HTML 7Page - ON Semiconductor ASX340AT Datasheet HTML 8Page - ON Semiconductor ASX340AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
3
©Semiconductor Components Industries, LLC,2015.
ASX340AT: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
New Features
New Features
• Temperature sensor for dynamic feedback and sensor control
• Automatic 50Hz/60Hz flicker detection
• 2x upscaling zoom and pan/tilt control
• Independent control of colorburst parameters in the NTSC/PAL encoder
• Horizontal field of view adjustment between 700 and 720 pixels on the analog output
• Option to use single 2.8V power supply with off-chip bypass transistor
• SPI EEPROM support for lower cost system design.
Ordering Information
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full
description of the naming convention used for image sensors. For reference documenta-
tion, including information on evaluation kits, please visit our web site at
www.onsemi.com.
Table 3:
Available Part Numbers
Part Number
Product Description
Orderable Product Attribute Description
ASX340AT2C00XPED0-DPBR
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective Glass
ASX340AT2C00XPED0-DRBR
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT2C00XPED0-TPBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film, Anti-Reflective Glass
ASX340AT2C00XPED0-TRBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass
ASX340AT2C00XPEDD3-GEVK
Rev2, Color, Demo Kit
ASX340AT2C00XPEDH3-GEVB
Rev2, Color, Head Board
ASX340AT3C00XPED0-DPBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective Glass
ASX340AT3C00XPED0-DRBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT3C00XPED0-TPBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film, Anti-Reflective Glass
ASX340AT3C00XPED0-TRBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com