Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 53 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 53 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 49Page - ON Semiconductor ASX340AT Datasheet HTML 50Page - ON Semiconductor ASX340AT Datasheet HTML 51Page - ON Semiconductor ASX340AT Datasheet HTML 52Page - ON Semiconductor ASX340AT Datasheet HTML 53Page - ON Semiconductor ASX340AT Datasheet HTML 54Page - ON Semiconductor ASX340AT Datasheet HTML 55Page - ON Semiconductor ASX340AT Datasheet HTML 56Page - ON Semiconductor ASX340AT Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
53
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Floating Inputs
The following ASX340AT pins cannot be floated:
•SDATA–This pin is bidirectional and should not be floated
• FRAME_SYNC
•TRST_N
•SCLK
•SADDR
•ATEST1
•ATEST2
Output Data Ordering
Note:
PIXCLK is 54 MHz when EXTCLK is 27 MHz.
Note:
PIXCLK is 27 MHz when EXTCLK is 27 MHz.
Table 27:
Output Data Ordering in DOUT RGB Mode
Mode
(Swap Disabled)
Byte
D7
D6
D5
D4
D3
D2
D1
D0
565RGB
First
R7R6
R5R4R3
G7
G6
G5
Second
G4
G3
G2
B7
B6
B5
B4
B3
555RGB
First
0
R7
R6
R5
R4
R3
G7
G6
Second
G5
G4
G3
B7
B6
B5
B4
B3
444xRGB
First
R7R6
R5R4
G7
G6
G5
G4
Second
B7
B6
B5
B4
0
0
0
0
x444RGB
First
0000
R7
R6
R5
R4
Second
G7
G6
G5
G4
B7
B6
B5
B4
Table 28:
Output Data Ordering in Sensor Stand-Alone Mode
Mode
D7
D6
D5
D4
D3
D2
D1
D0
DOUT_LSB1
DOUT_LSB0
10-bit Output
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com