Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 2 Page - ON Semiconductor

  ASX340AT Datasheet HTML 1Page - ON Semiconductor ASX340AT Datasheet HTML 2Page - ON Semiconductor ASX340AT Datasheet HTML 3Page - ON Semiconductor ASX340AT Datasheet HTML 4Page - ON Semiconductor ASX340AT Datasheet HTML 5Page - ON Semiconductor ASX340AT Datasheet HTML 6Page - ON Semiconductor ASX340AT Datasheet HTML 7Page - ON Semiconductor ASX340AT Datasheet HTML 8Page - ON Semiconductor ASX340AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
2
©Semiconductor Components Industries, LLC,2015.
ASX340AT: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Applications
Table 2:
Key Parameters (continued)
Parameter
Typical Value
Overlay Support
Utilizes SPI interface to load overlay data from external flash/EEPROM memory with the
following features:
•Available in Analog output and BT656 Digital output
•Overlay Size 360 x 480 pixel rendered into 720 x 480 (NTSC) or 720 x 576 (PAL)
•Up to four (4) overlays may be blended simultaneously
•Selectable readout: Rotating order user-selected
•Dynamic scenes by loading pre-rendered frames from external memory
•Palette of 32 colors out of 64,000
•8 colors per bitmap
•Blend factor dynamically-programmable for smooth transitions
•Fast update rate of up to 30 fps
•Every bitmap object has independent x/y position
•Statistic Engine to calibrate optical alignment
•Number Generator
Windowing
Programmable to any size
Analog gain range
0.5–16x
ADC
10-bit, on-chip
Output interface
Analog composite video out, single-ended or differential; 8-, 10-bit parallel digital output
Output data formats1
Digital: Raw Bayer 8-,10-bit, CCIR656, 565RGB, 555RGB, 444RGB
Data rate
Parallel: 27 MHz Pixel clock
NTSC: 60 fields/sec
PAL: 50 fields/sec
Control interface
Two-wire I/F for register interface plus high-level command exchange. SPI port to interface to
external memory to load overlay data, register settings, or firmware extensions.
Input clock for PLL
27 MHz
SPI Clock Frequencies
1.6875 – 18 MHz, programmable
Supply voltage
Analog: 2.8V ± 5%
Core: 1.8 V ± 5% (2.8V ± 5% power supply with off-chip bypass transistor generates a
1.70 - 1.95 V core voltage supply, which is acceptable for performance.)
IO: 2.8 V ± 5%
Power
consumption
Analog output only
Full resolution at 60 fps: 291 mW
Digital output only
Full resolution at 60 fps: 192 mW
Package
63-BGA, 7.5 mm x 7.5 mm, 0.65mm pin pitch
Ambient temperature
Operating: -40 °C to 105 °C
Functional: -40 °C to + 85 °C
Storage: -50°C to + 150°C
Dark Current
< 200 e/s at 60 °C with a gain of 1
Fixed pattern
noise
Column
< 2 %
Row
< 2 %
Responsivity
16.5 V/lux-s at 550 nm
Signal to noise ratio (S/N)
46 dB
Pixel dynamic range
87 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com