Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 20 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 20 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 16Page - ON Semiconductor ASX340AT Datasheet HTML 17Page - ON Semiconductor ASX340AT Datasheet HTML 18Page - ON Semiconductor ASX340AT Datasheet HTML 19Page - ON Semiconductor ASX340AT Datasheet HTML 20Page - ON Semiconductor ASX340AT Datasheet HTML 21Page - ON Semiconductor ASX340AT Datasheet HTML 22Page - ON Semiconductor ASX340AT Datasheet HTML 23Page - ON Semiconductor ASX340AT Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
20
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Black Level Subtraction and Digital Gain
Image stream processing starts with black level subtraction and multiplication of all
pixel values by a programmable digital gain. Both operations can be independently set
to separate values for each color channel (R, Gr., Gb, B). Independent color channel
digital gain can be adjusted with registers. Independent color channel black level adjust-
ments can also be made. If the black level subtraction produces a negative result for a
particular pixel, the value of this pixel is set to 0.
Positional Gain Adjustments (PGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The ASX340AT has an embedded shading correction module that can be
programmed to counter the shading effects on each individual R, Gb, Gr., and B color
signal.
The Correction Function
The correction functions can then be applied to each pixel value to equalize the
response across the image as follows:
(EQ 1)
where P is the pixel values and f is the color dependent correction functions for each
color channel.
20-263
1
Active video
264-265
1
Blanking
266-282
2
Blanking
283-525
2
Active Video
Table 10:
PAL
Line Numbers
Field
Description
1-22
1
Blanking
23-310
1
Active video
311-312
1
Blanking
313-335
2
Blanking
336-623
2
Active video
624-625
2
Blanking
Table 9:
NTSC (continued)
Line Numbers
Field
Description
Pcorrected(row,col)=Psensor(row,col)*f(row,col)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com