Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 39 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 35Page - ON Semiconductor ASX340AT Datasheet HTML 36Page - ON Semiconductor ASX340AT Datasheet HTML 37Page - ON Semiconductor ASX340AT Datasheet HTML 38Page - ON Semiconductor ASX340AT Datasheet HTML 39Page - ON Semiconductor ASX340AT Datasheet HTML 40Page - ON Semiconductor ASX340AT Datasheet HTML 41Page - ON Semiconductor ASX340AT Datasheet HTML 42Page - ON Semiconductor ASX340AT Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
39
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Slave Two-Wire Serial Interface
Typical Operation
A typical READ or WRITE sequence begins by the master generating a start condition on
the bus. After the start condition, the master sends the 8-bit slave address/data direction
byte. The last bit indicates whether the request is for a READ or a WRITE, where a “0”
indicates a WRITE and a “1” indicates a READ. If the address matches the address of the
slave device, the slave device acknowledges receipt of the address by generating an
acknowledge bit on the bus.
If the request was a WRITE, the master then transfers the 16-bit register address to which
a WRITE will take place. This transfer takes place as two 8-bit sequences and the slave
sends an acknowledge bit after each sequence to indicate that the byte has been
received. The master will then transfer the 16-bit data, as two 8-bit sequences and the
slave sends an acknowledge bit after each sequence to indicate that the byte has been
received. The master stops writing by generating a (re)start or stop condition. If the
request was a READ, the master sends the 8-bit write slave address/data direction byte
and 16-bit register address, just as in the write request. The master then generates a
(re)start condition and the 8-bit read slave address/data direction byte, and clocks out
the register data, 8 bits at a time. The master generates an acknowledge bit after each
8-bit transfer. The data transfer is stopped when the master sends a no-acknowledge bit.
Single READ from Random Location
Figure 17 shows the typical READ cycle of the host to the ASX340AT. The first two bytes
sent by the host are an internal 16-bit register address. The following 2-byte READ cycle
sends the contents of the registers to host.
Figure 17:
Single READ from Random Location
Single READ from Current Location
Figure 18 shows the single READ cycle without writing the address. The internal address
will use the previous address value written to the register.
Figure 18:
Single Read from Current Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master toslave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
[15:8]
P
Previous RegAddress, N
Reg Address, M
M+1
A
Read Data
[7:0]
A
Slave Address
1
S
A
Read Data
[15:8]
Slave Address
A
1
S
P
Read Data
[15:8]
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Read Data
[7:0]
A
Read Data
[7:0]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com