Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 40 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 36Page - ON Semiconductor ASX340AT Datasheet HTML 37Page - ON Semiconductor ASX340AT Datasheet HTML 38Page - ON Semiconductor ASX340AT Datasheet HTML 39Page - ON Semiconductor ASX340AT Datasheet HTML 40Page - ON Semiconductor ASX340AT Datasheet HTML 41Page - ON Semiconductor ASX340AT Datasheet HTML 42Page - ON Semiconductor ASX340AT Datasheet HTML 43Page - ON Semiconductor ASX340AT Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
40
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Slave Two-Wire Serial Interface
Sequential READ, Start from Random Location
This sequence (Figure 19) starts in the same way as the single READ from random loca-
tion (Figure 17 on page 39). Instead of generating a no-acknowledge bit after the first
byte of data has been transferred, the master generates an acknowledge bit and
continues to perform byte READs until “L” bytes have been read.
Figure 19:
Sequential READ, Start from Random Location
Sequential READ, Start from Current Location
This sequence (Figure 20) starts in the same way as the single READ from current loca-
tion (Figure 18). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte reads until “L” bytes have been read.
Figure 20:
Sequential READ, Start from Current Location
Single Write to Random Location
Figure 21 shows the typical WRITE cycle from the host to the ASX340AT.The first 2 bytes
indicate a 16-bit address of the internal registers with most-significant byte first. The
following 2 bytes indicate the 16-bit data.
Figure 21:
Single WRITE to Random Location
Read Data
(15:8)
A
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Slave Address
0
S
Sr
A Reg Address[15:8]
A
Reg Address[7:0]
A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
1
M+L-2
M+L-1
M+L
A
P
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(7:0)
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
A
Read Data
Slave Address
A
A
1
A
S
P
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
Read Data
(15:8)
A
Read Data
(7:0)
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
P
Previous Reg Address, N
Reg Address, M
M+1
A
A
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com