Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5021 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—3
PAD LAYOUT
(Unit :
µm)
PINOUT
(Top View)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size: 1.00
× 0.80 mm
Chip thickness: 220 ± 30 µm
Chip base: VDD level
Q
VDD
XT
VSS
(0,0)
(1000,800)
INH
XT
HA5021
1
XT
VSS
Q
VDD
2
3
6
5
4
XT
INH
Number
Name
I/O
Description
Pad dimensions [µm]
XY
1
INH
I
Output state control input. High impedance when LOW. Pull-up resistor built in
771
150
2
XT
I
Amplifier input.
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XT
553
150
3
VSS
–
Ground
150
140
4
Q
O
Output. Output frequency (fO)
150
649
5
VDD
–
Supply voltage
796
409
6XT
O
Amplifier output.
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XT
836
636
XT
VSS
VDD
Q
CG
CD
Rf
XT
INH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com