Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—9
MEASUREMENT CIRCUITS
Measurement cct 1
2.0VP−P , 10MHz sine wave input signal (3V operation)
3.5VP−P , 10MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
R2 : 525
Ω (3V operation/ ×A, ×B, ×C, ×D series)
263
Ω (3V operation/ ×E series)
490
Ω (5V operation)
R3 : 100k
Ω (K×, L× series)
Measurement cct 4
Measurement cct 2
Measurement cct 5
Measurement cct 3
2.0VP−P , 70MHz sine wave input signal (3V operation)
3.5VP−P , 70MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
R3 : 100k
Ω (K×, L× series)
Measurement cct 6
Rfo : 2.7kΩ (K×, L× series)
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
VOH
0V
Q out monitor
R3
XT
VDD
VSS
IPR
5.0V
INH
RUP =
VDD
IPR
A
VDD
VSS
Q
IOL, IZ
VOL
V
A
INH
IZ
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XT
A
Signal
Generator
VDD
VSS
XT
Q
R1
C1
R3
XT
IDD
VDD
VSS
XT
Q
X'tal
XT
INH
A
Rfo
IDD
IST



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com