Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—7
Switching Characteristics
CMOS
3 V operation: AA, AB, AC, AD, AE series/ KD, KE series
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
5 V operation: AA, AB, AC, AD series/ KD series
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1,
0.1VDD to 0.9VDD , CL = 15 pF
SM5021AAH, CF5021AA
SM5021ABH, CF5021AB
SM5021ACH, CF5021AC
SM5021ADH, CF5021AD
SM5021KDH, CF5021KD
–5
10
ns
SM5021AEH, CF5021AE
SM5021KEH, CF5021KE
–
3.5
7
Measurement cct 6, load cct 1,
0.2VDD to 0.8VDD , CL = 15 pF
SM5021AAH, CF5021AA
SM5021ABH, CF5021AB
SM5021ACH, CF5021AC
SM5021ADH, CF5021AD
SM5021KDH, CF5021KD
–
3.5
7
Output fall time
tf1
Measurement cct 6, load cct 1,
0.9VDD to 0.1VDD , CL = 15 pF
SM5021AAH, CF5021AA
SM5021ABH, CF5021AB
SM5021ACH, CF5021AC
SM5021ADH, CF5021AD
SM5021KDH, CF5021KD
–5
10
ns
SM5021AEH, CF5021AE
SM5021KEH, CF5021KE
–
3.5
7
Measurement cct 6, load cct 1,
0.8VDD to 0.2VDD , CL = 15 pF
SM5021AAH, CF5021AA
SM5021ABH, CF5021AB
SM5021ACH, CF5021AC
SM5021ADH, CF5021AD
SM5021KDH, CF5021KD
–
3.5
7
Output duty cycle1
1. Determined by the lot monitor.
Duty
Measurement cct 6, load cct 1,
Ta = 25
°C,V
DD = 3 V, CL = 15 pF, f ≤ 70MHz
45–55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 1, Ta = 25
°C,V
DD = 3 V, CL = 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD , CL = 15 pF
–
3.5
7
ns
Output fall time
tf1
Measurement cct 6, load cct 1, 0.9VDD to 0.1VDD , CL = 15 pF
–
3.5
7
ns
Output duty cycle1
1. Determined by the lot monitor.
Duty
Measurement cct 6, load cct 1,
Ta = 25
°C,V
DD = 5 V, CL = 15 pF, f ≤ 70 MHz
45–55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 1, Ta = 25
°C,V
DD = 5 V, CL = 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com