Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—10
Load cct 1
CL = 15pF: tr1, tf1
Load cct 2
CL = 15pF: tr2 , tf2
R
= 800Ω
Switching Time Measurement Waveform
Output duty level (CMOS)
Output duty level (TTL)
Output duty cycle (CMOS)
Output duty cycle (TTL)
Q output
CL
(Including probe capacity)
Q output
CL
(Including proove
capacity)
R
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measuring
voltage (0.5VDD
)
TW
2.4V
0.4V
2.4V
0.4V
tr
tf
Q output
DUTY measuring
voltage (1.4V
)
TW
DUTY measuring
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
DUTY measuring
voltage
(1.4V)
Q output
TW
T
DUTY= TW/ T
100 (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com