Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—8
TTL
5 V operation: BA, BB, BC, BD series/ LD series
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INH goes LOW, the oscillator output on Q goes high impedance.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr2
Measurement cct 6, load cct 2, 0.4V to 2.4V, CL = 15 pF
–
2.5
7
ns
Output fall time
tf2
Measurement cct 6, load cct 2, 2.4V to 0.4V, CL = 15 pF
–
2.5
7
ns
Output duty cycle1
1. Determined by the lot monitor.
Duty
Measurement cct 6, load cct 2,
Ta = 25
°C,V
DD = 5 V, CL = 15 pF, f ≤ 70 MHz
45–55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 2, Ta = 25
°C,V
DD = 5 V, CL = 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
INH
Q
Oscillator
HIGH (or open)
fO output frequency
Normal operation
LOW
High impedance
Normal operation
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
30
18.62
16.24
1.733
5.337
40
20.53
11.34
1.396
3.989
50
22.17
7.40
1.370
4.105
60
22.20
5.05
1.388
4.226
70
25.42
4.18
1.254
5.170
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com