Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5021 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—5
Electrical Characteristics
3 V operation: AA, AB, AC, AD, AE series/ KD, KE series
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7 V,
IOH = 4 mA
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
2.1
2.4
–
V
Q: Measurement cct 1, VDD = 2.7 V,
IOH = 8 mA
SM5021
×EH, CF5021×E
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7 V,
IOL = 4 mA
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
–
0.3
0.4
V
Q: Measurement cct 2, VDD = 2.7 V,
IOL = 8 mA
SM5021
×EH, CF5021×E
Output leakage current
IZ
Q: Measurement cct 2, VDD = 3.3 V, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, VDD = 3.3 V, INH = LOW, VOL = VSS
––
10
HIGH-level input voltage
VIH
INH
2.0
–
–
V
LOW-level input voltage
VIL
INH
–
–
0.5
V
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 1, CL = 15 pF,
70 MHz crystal oscillator
SM5021A
×H, CF5021A×
SM5021K
×H, CF5021K×
–13
25
mA
INH pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Ω
Feedback resistance
(A
× series only)
Rf
Measurement cct 5
SM5021
×AH, CF5021×A
5.1
6.0
6.9
k
Ω
SM5021
×BH, CF5021×B
2.8
3.3
3.8
SM5021
×CH, CF5021×C
3.3
3.9
4.5
SM5021
×DH, CF5021×D
SM5021
×EH, CF5021×E
2.3
2.7
3.1
Built-in capacitance
CG
Design value, determined by the internal wafer pattern
7.44
8
8.56
pF
CD
Design value, determined by the
internal wafer pattern
SM5021
×AH, CF5021×A
SM5021
×BH, CF5021×B
SM5021
×CH, CF5021×C
SM5021
×DH, CF5021×D
13.95
15
16.05
pF
SM5021
×EH, CF5021×E
11.16
12
12.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com