Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5021 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5021 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM5021 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5021 series are crystal oscillator module ICs
fabricated in NPC’s Molybdenum-gate CMOS, that
incorporate high-frequency, low current consump-
tion oscillator and output buffer circuits. Highly
accurate thin-film feedback resistors and high-fre-
quency capacitors are built-in, eliminating the need
for external components to make a stable 3rd-har-
monic oscillator.
FEATURES
s
3rd overtone oscillation
s
Capacitors CG, CD built-in
s
Inverter amplifier feedback resistor built-in
(A
×, B× series)
s
TTL input level
s
4 mA (VDD = 2.7 V) drive capability
8 mA (VDD = 4.5 V) drive capability
s
Output three-state function
s
2.7 to 5.5 V supply voltage (A
×, K× series)
4.5 to 5.5 V supply voltage (B
×, L× series)
s
Oscillator frequency output
s
6-pin SOT (SM5021
××H)
s
Chip form (CF5021
××)
SERIES CONFIGURATION
ORDERING INFORMATION
Version1
1. Chip form devices have designation CF5021
××.
Supply voltage
Recommended
operating frequency
range (MHz)
Built-in
capacitance
(pF)
gm
ratio
Rf
(k
Ω)
Output
frequency
Output
level
Standby output
state
Chip
SOT
3V
5V
CG
CD
SM5021AAH
4.5 to 5.5
4.5 to 5.5
×
22 to 30
8
15
1
6.0
fo
CMOS
High impedance
SM5021ABH
2.7 to 5.5
2.7 to 5.5
22 to 30
30 to 43
8
15
1
3.3
fo
CMOS
High impedance
SM5021ACH
2.7 to 5.5
2.7 to 5.5
30 to 40
43 to 55
8
15
2
3.9
fo
CMOS
High impedance
SM5021ADH
2.7 to 5.5
2.7 to 5.5
40 to 50
55 to 70
8
15
3
2.7
fo
CMOS
High impedance
SM5021AEH
2.7 to 3.6
×
50 to 70
×
8
12
4
2.7
fo
CMOS
High impedance
SM5021BAH
4.5 to 5.5
4.5 to 5.5
×
22 to 30
8
15
1
6.0
fo
TTL
High impedance
SM5021BBH
4.5 to 5.5
4.5 to 5.5
×
30 to 43
8
15
1
3.3
fo
TTL
High impedance
SM5021BCH
4.5 to 5.5
4.5 to 5.5
×
43 to 55
8
15
2
3.9
fo
TTL
High impedance
SM5021BDH
4.5 to 5.5
4.5 to 5.5
×
55 to 70
8
15
3
2.7
fo
TTL
High impedance
SM5021KDH
2.7 to 5.5
2.7 to 5.5
22 to 50
22 to 70
8
15
3
–
fo
CMOS
High impedance
SM5021KEH
2.7 to 3.6
2.7 to 3.6
50 to 70
×
8
12
4
–
fo
CMOS
High impedance
SM5021LDH
4.5 to 5.5
4.5 to 5.5
×
22 to 70
8
15
3
–
fo
TTL
High impedance
Devicez
Package
SM5021
××H
6-pin SOT
CF5021
××–2
Chip form


Similar Part No. - SM5021

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
ENCODER
logo
Nippon Precision Circui...
SM5021AAH NPC-SM5021AAH Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
SM5021ABH NPC-SM5021ABH Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
More results

Similar Description - SM5021

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com