Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 7Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 8Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 9Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 10Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 11Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 12Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 13Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 14Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PDSP16515A
11
Table 3. Host Controlled Output Timing. ( Advanced Data )
Characteristic
Symbol
Min
Max
Units
DEN Set Up Time
T
PS
10
ns
Host Strobe Width
T
PW
10
ns
DEN Hold Time
T
PH
5ns
DAV in-active going Delay ( 30 pf load )
T
VI
15
ns
Output Enable Time ( see Fig 13 )
T
LZ
18
ns
Output Data Delay Time ( 30 pf load )
T
DD
18
ns
Output Disable Time ( see Fig 13 )
T
HZ
18
ns
Read Cycle Time
T
RC
25
ns
Old Data Hold Time
T
OH
2ns
DEN
DATA
O/P
DAV
TPS
TLZ
TVI
O/P 1
O/P 2
TPW
TPH
DOS
TDD
THZ
O/P 1
TOH
S3:0
Scale Tag Value
Scale Tag Value
O/P N
THZ
Dummy Strobes
Un-defined
Un-defined
In this zone SCLK and DOS requirements have to be met - See "User Notes - stopping DOS"
(1)
(2)
(3)
(4)
DIN
O/P
S3:0
PDSP16515
AUX
SYSTEM
CLOCK
HOST
SYSTEM
Figure. 6. Host Controlled System
PDSP16515
HOST
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com