Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 14Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 15Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 16Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 17Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 18Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 19Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 20Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 21Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PDSP16515A
18
BITS 5:4
These bits define the choice of window operator. If other
windows are needed they must be applied externally. The
fourth option is used to specify the inverse transform, which
does not require the use of a window operator. When 16 x 16
complex transforms are specified by Bits 2:0, only the
rectangular window can be used. The use of any of the other
options will cause the device to enter an internal test mode.
BITS 8:6
These bits define 0%, 50%, or 75% data block overlapping,
and the division factor on the DIS input. Overlapping must not
be specified with 16 x 16 complex transforms.
Two decodes allow the DIS input to be divided by two or four,
when 50% and 75% overlapping is respectively needed.
These options allow the DOS and DIS input pins to be still
supplied from a common source, even though the output rate
must be faster than the input rate. The frequency of this source
would be dictated by the output rate requirement, with the
input rate internally reduced by the correct amount.
Special decodes are provided to support real only transforms
from dual sources, using both the real and auxiliary inputs.
When data is from a single source, and no overlaps are
needed, only the real input should be used. If 50% or 75%
overlaps are needed from a single source of real data, the
device always expects blocks to be simultaneously loaded. An
external FIFO is then needed to supply data to the real inputs
after a delay of one block. Each block is thus loaded twice,
firstly through the Auxiliary inputs and then through the Real
inputs.
BIT 10:9
These bits define a single device system, or one of three
multiple device possibilities. The choice between the first and
second multiple device mode is dependent on the transform
size and the sampling rate needed. The third mode should
only be used when overlapped multiple transforms with less
than 1024 points are to be performed simultaneously. It
changes the LFLG logic and allows sampling rates up to the
system clock rate to be achieved with multiple output
processors.
BIT 11
When this bit is set the PDSP16515A will not generate DAV
until 24 DOS clocks after data was actually valid. In this case
the output tri-state drivers will be enabled at the correct time,
even though the DAV signal was not externally valid. Host
controlled dumping should not be used.
BITS
Dec'
OPTION
2:0
000
16 x 16 COMPLEX
001
4 x 64 COMPLEX
010
256 COMPLEX
011
1024 COMPLEX
100
8 X 64 REAL
101
2 X 256 REAL
110
2 X 1024 REAL
111
NOT USED
3
0
SHIFT 3 PLACES AFTER PASS1
1
ALWAYS SHIFT 2 PLACES
5:4
00
RECTANGULAR
01
HAMMING WINDOW
10
BLACKMAN-HARRIS
11
INVERSE TRANSFORM
8:6
000
NO OVERLAP
001
50% OVERLAP
010
50% OVERLAP AND DIS
÷ 2
011
75% OVERLAP
100
75% OVERLAP AND DIS
÷ 4
101
DUAL SOURCE, NO OVERLAP
110
DUAL SOURCE, 50% OVERLAP
111
DUAL SOURCE, 75% OVERLAP
10:9
00
SINGLE DEVICE
01
N DEVICES, CONCURRENT I/O
10
N DEVICES, LOAD-TRANS-DUMP
11
SPECIAL MULTIPLE TRANSFORM
11
0
DAV NOT DELAYED
1
24 CLK DAV DELAY
12
0
INEN EDGE ACTIVATED
1
INEN IS SIMPLE ENABLE
14:13
00
O/P FIRST QUARTER
01
O/P FIRST HALF
10
O/P LAST HALF
11
O/P ALL RESULTS
15
0
NORMAL DAV
1
KEEP DAV ACTIVE TILL INEN
Table 6. Mode Control Bit Allocations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com