Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 16Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 17Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 18Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 19Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 20Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 21Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 22Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 23Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PDSP16515A
20
Examination of Table 7 shows that the Blackman-Harris
window gives performance very similar to that of the Kaiser-
Bessel and Dolph-Chebyshev windows. The latter two
windows can not be computed as they are needed since they
are mathematically too complicated. The values are normally
pre-computed and stored in a ROM; this would need to contain
1M bits to match the accuracy of the rest of the system.
Use of the Hamming window gives worse dynamic range than
the more complex windows, but it has less effect on the
overlap correlation and it has a smaller main lobe width.
Spectral Performance
There are two important parameters in the measurement of
spectral response: resolution and dynamic range. Resolution
defines how closely two sinusoids can be spaced in frequency
and still be identified; dynamic range defines how great the
difference in the amplitudes of the sinusoids may be and yet
the smaller one still identified. Resolution is determined by the
observation time [i.e. the width of the frequency bin] and the
window operator that is used. Dynamic range is also
determined by the window operator, but in a hardware
implementation it is also influenced by the number of bits used
to represent the data throughout the calculation.
The hardware effects include the accuracy of the A/D
converter, the number of bits representing the window
operator and the twiddle factors, and the way the growth in
word length is handled as the FFT calculation proceeds. The
obvious way to overcome these limitations is to use floating
point arithmetic; but in real life the accuracy of the A/D
converter is fixed and the sample size is limited. Floating point
arithmetic is thus an overkill solution for the majority of
applications. This is especially true for transform sizes up to
1024 points, which is the intended application area.
Figures given for the dynamic range of a system must be
carefully interpreted, since there is no exact definition of the
measurement. Three different ways of measuring dynamic
range have been investigated using 1024 point transforms.
Window
Highest
Mid-Point
Overall
6dB
Overlap Correlation
Operator
Side Lobe
Loss dB
Loss dB
Bandwidth
75%
50%
Rectangular
-13
3.92
3.92
1.21
75
50
Hamming
-43
1.78
3.1
1.81
70.7
23.5
Dolph-Chebyshev
-70
1.25
3.35
2.17
60.2
11.9
[C = 3.5]
Kaiser-Bessel
-69
1.02
3.55
2.39
53.9
7.4
[C = 3]
Blackman
-58
1.1
3.47
2.35
56.7
9
Blackman-Harris
-67
1.13
3.45
1.81
57.2
9.6
[3 term]
Table 7. Window Performance ( from The use of Windows for Harmonic Analysis. F J Harris. Proc IEEE Vol 66. Jan 1978 )
Overall loss
An overall figure for the reduction in signal to noise ratio
can be obtained by adding the mid-point loss to the reciprocal
of the equivalent noise power bandwidth in dB. It is a measure
of the ability of the window to detect single tones in broadband
noise. The variance between windows is less than 1dB.
6.0dB Bandwidth
This figure, expressed in bin widths, represents the ability of
the window to resolve two tones and should be as close to
unity as possible. As the highest sidelobe level is reduced, this
parameter tends to get worse, and a compromise must be
used when choosing a window.
Overlap Correlation
In many practical systems the squared magnitudes of
successive transforms are averaged to reduce the variance of
the measurements. If, however, a windowed FFT is applied to
non overlapping partitions of the sequence, data near the
boundaries will be ignored since the window exhibits small
values at those points. To avoid this loss partitions are usually
overlapped by 50% or 75%, which might, at first sight, remove
the need to average successive transforms. If non-windowed
transforms are overlapped by 75% or 50%, then 75% or 50%
of the data will be correlated. When windows are applied,
however, the data common to both transforms will be operated
upon by different portions of the window waveform. The
difference in these portions will dictate the amount of
correlation between overlapped data. At 50% overlap Table 7
shows that with all windows the data is virtually independent,
and successive averaging would still be needed. At 75%
overlap figures are obtained which are closer to the 75%
correlation obtained with no window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com