Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 3Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 4Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 5Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 6Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 7Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 8Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 9Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 10Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PDSP16515A
7
The internal workspace is double buffered when 256 point
transforms are to be performed. A separate output buffer is
also provided. These resources, together with separate input
and output buses, allow new data to be loaded and old results
to be dumped, whilst the present transform is being computed.
Additional, external, input buffering is not needed to prevent
loss of incoming data whilst a transform is being performed.
When block overlapping is required, internally stored data will
be re-used, and a proportionally smaller number of new
samples need be loaded.
Note that the internal window
operator still functions correctly since it is actually applied
during the first pass, and not whilst data is being loaded. The
internal RAM organisation is shown in Fig. 4. It should be
noted that the amount of overlap between I/O transfers and
transforms is completely under the control of the system, since
an input enable signal (INEN) and an output enable (DEN) can
be used to initiate transfers.
In the 1024 point mode there is insufficient workspace for input
and output buffering in addition to working memory. The
device is then configured in a mode with separate load,
transform and dump operations. The internal arrangement is
shown in Fig. 5. The support of an external input buffer is
needed if incoming samples are not to be lost whilst a
Table 1. Advanced Timing Information with Continuous Inputs.
TSD
THD
TSA
THA
1
N/2
N
TSI
THI
VALID
TFH
TFL
1
TFH
50% Overlap
TFL
N
TSA
TED
DIS
DATA IN
INEN
LFLG
INEN
Edge activated
system
Min Time =THA
transform is in progress. This is loaded at the sample clock
rate and transferred to the FFT processor as quickly as
possible. In this mode the PDSP16515A always expects to
receive 1024 words, regardless of the amount of block
overlapping. Data stored internally cannot be re-used when
block overlapping is required, and data from the external
buffer must be re-read as necessary.
If no incoming data is to remain un-processed, the user must
ensure that the time taken to acquire sufficient data to instigate
a new transform is greater than or equal to the transformation
time itself. The latter can be calculated from Table 4, once the
system clock rate has been defined. When 1024 point
transforms are performed, both the time to read data from the
input buffer, and also the time to dump data, must be included
in the calculation to determine the minimum time in which data
can be loaded into the external buffer.
The peak transfer rate is limited by the characteristics of the I/
O circuits, but can be greater than the sampling rate which is
determined by the transform time. When load and dump
operations are not concurrent with transform operations ( as
in the 1024 point modes ), then the maximum I/O rate is equal
to the system clock rate, Ø. When other transform sizes are
specified, the sampling rate, S, is reduced by a factor F. This
Characteristic
Symbol
Min
Max
Units
Data In set up Time
T
SD
10
ns
Data In Hold Time
T
HD
0ns
INEN active going set up
T
SA
8ns
INEN active Hold Time
T
HA
0ns
INEN in-active Hold Time to ensure no load
T
HI
2ns
INEN in-active going set up for no load operation
T
SI
8ns
Delay to LFLG going active ( 30 pf load )
T
FH
18
ns
Delay to LFLG going in-active ( 30 pf load )
T
FL
18
ns
Min time to INEN low in edge mode
T
ED
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com