Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 10Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 11Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 12Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 13Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 14Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 15Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 16Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 17Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
PDSP16515A
14
Table 5 assume that a 40 MHz I/O rate is used, and that all
results are dumped.
Multiple Device Systems
In real time applications several devices may be used in
parallel in order to increase the sampling rate, but not to
increase the transform size. When all outputs are commoned
together, and feed a single output processor, then the data
dump time must always be less than or equal to the time taken
to load the data block ( or 50% or 25% of the time with block
overlapping ). In most configurations with block overlapping
the dump rate requirements will limit the maximum input rate,
if only one output processor is provided. This can be avoided
if the system provides separate output processors for every
device. The system clock used for internal calculations then
ultimately imposes a limit on the maximum sampling rate
possible.
A multiple device system performing complex transforms with
a single output processor is shown in Figure 7. The INEN/
LFLG signals are used to co-ordinate the segmentation of
data between devices. The in-active going edge of LFLG
instigates the load procedure in the next device, and, since this
edge can be programmed to occur either 25%, 50%, or 100%
through the load operation, it can cause the next device to
commence loading before the previous one has finished. In
this manner data block overlapping is achieved. When
multiple concurrent transforms are performed ( for example 4
x 64 or 8 x 64 ) two LFLG transitions are sometimes needed
to support block overlapping. This is fully explained in the
section on Mode 1 sampling rates.
In any of the multiple device modes an INEN edge transition
is needed to start a new load procedure when the previous one
has finished. When the LFLG output from the last device is fed
back to the INEN input of the first device, continuous
transforms will be executed. This continuous sequence can
be started by the rising edge of DEF if Control Register Bit 12
is set in the first device (see section on Loading Data). This bit
must not be set in the other devices. Since all devices are
supplied from a common input bus and have a common
source of control parameters, this Bit 12 inversion is best
mechanized with an Exclusive OR gate in the AUX12 input line
of the first device. The input can then be inverted when DEF
is active but otherwise not be effected. Once the first device
has been started with the DEF edge, the sequence will
continue automatically using the LFLG /INEN connection
between devices.
In many applications data is transformed continuously after
power on, and the concept of a first data sample does notexist.
If, however , the opposite is true, the first data sample must be
present on the input pins such that it can be loaded with the
second rising DIS edge after DEF has gone in-active. The data
must meet the set up and hold times given in Table 1, and DEF
itself must meet the parameters normally met by the INEN
rising edge. The latter requirement is necessary to avoid a
possible one DIS cycle variance, due the internal DEF
synchronization logic. If the position of the first data sample is
not important, it is not necessary for DEF to have any set up
specification.
The maximum sampling rates given in Table 5 allow for the
extra dumping time.
The load and dump operations are not concurrent with
transforms in the 1024 point modes, and an external input
buffer will be needed if loss of incoming data is to be avoided.
This is loaded at the sampling rate and then data is transferred
to the PDSP16515A at a user defined rate. The time taken to
load this external buffer must be at least equal to the sum of
the time to transfer data in and out of the FFT processor and
the transform time itself. When data blocks are overlapped by
50% or 75%, no more than one half or one quarter of the block,
respectively, must have been loaded in the same time. In the
1024 point modes the dump time can be any user defined
value, and need not be increased to allow for block
overlapping. The dump time, however , does directly effect the
maximum sampling rates which can be accommodated
without loss of incoming data.
The maximum sampling rates for 1024 point transforms at any
load and dump rate can be calculated from the following
relationship:
1024S or 512S or 256S > 1024B + PK + D
for 0%, 50%, or 75% overlapping respectively. S, P, and K
were defined opposite. B is the clock period in which data is
read from the input buffer and loaded into the device, D is the
total dump time allowing for the four extra DOS periods. The
periods of the load and dump clocks cannot be less than the
system clock period. The maximum sampling rates given in
Figure 7. Multiple Device Configuration
REAL
O/P
S
PDSP16515
IMAG
PDSP16330
REAL
O/P
S
PDSP16515
IMAG
REAL
O/P
S
PDSP16515
IMAG
Complex Data
Input
Configuration
Parameters
Power on
Reset
Output
Clock
CLK
PHASE
MAG'
SCALE
TAG
DATA
AVAIL'
INPUT CLOCK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com