Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 15Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 16Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 17Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 18Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 19Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 20Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 21Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 22Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PDSP16515A
19
A - Bcosx + Ccos2x where x = (2
πn)/N, n = 0 to N-1
For Hamming, A = 0.54, B = 0.46, C = 0
For Blackman-Harris, A = 0.42323, B = 0.49755,C=0.07922
These windows can be applied to any of the transform size
options, except the 16 x 16 complex variant. When the latter
is specified the rectangular window option MUST be selected,
or the device will be configured in an internal test mode.
If other operators are required these must be applied
externally. This can be conveniently achieved with either a
PDSP16112 or a PDSP16116, both of which are complex
multipliers but with different accuracies. Fig. 11 shows how
either one can be configured to perform two separate
multiplications with one input common to both. This
arrangement is necessary to perform the window function on
complex inputs.
Important features of the windows generated by
PDSP16515A, and other commonly used windows, are
illustrated in Table 7. The results are obtained from the
reference
quoted, which should be consulted for a full
mathematical treatment. The significance of each parameter
is outlined below :
Highest Side Lobe Level
The inherent rectangular window has sidelobes which are
only 13dB down from the mainlobe. These severely limit the
dynamic range. The object of the window is to improve this
situation with better side load attenuation.
Mid-Point Loss
In line with the filter concept it is possible to conceive of
an additional processing loss for a tone of frequency mid-way
between two bins. This is defined as the ratio of the coherent
gains of two tones, one at the mid-point and one at the sample
point. It is expressed in dB in Table 8.
BIT 14:13
These bits allow four dump size options to be provided.
Individual frequency bins are not accessible.
BIT 15
Under normal circumstances DAV would be expected to go
invalid when a transform has been dumped. In some
applications, however, it may be necessary to read the outputs
more than once. When this bit is set, DAV will remain valid until
the next INEN input, and will indicate that the transformed data
still remains in the internal buffer. As soon as the next INEN is
received the transformed data will be overwritten. Whilst DAV
remains active the output tri-states will be enabled.
Window Operators
Since only a finite segment of a signal can be observed and
processed at any one time, it is impossible to obtain pure
spectral lines. Discontinuities are introduced at the
boundaries of the observation interval which lead to spectral
leakage. Windows are weighting functions applied to the data
in order to reduce these discontinuities at the boundaries.
In the time domain the signal has to be observed through a
finite window as a matter of accord. This is in fact equivalent
to multiplying the signal with a set of uniform weights i.e. a
rectangular window operator. In the frequency domain the
spectrum of the data will be the spectrum of this weighting
function shifted to the sinusoidal frequencies of the
components in the data.
The rectangular window has a Fourier Transform which is a
SINC(X) function. This has sidelobes which are only 13dB
down from the main lobe. This severely limits the dynamic
range of the system since a second sinusoid in close proximity
would have its main lobe swamped by this side lobe. This
would occur if its amplitude was a mere 13dB down from the
first sinusoid.
Window operators are thus mathematically constructed to
cancel these sidelobes as far as possible. Unfortunately this
is normally done at the expense of making the main lobe
spread over more frequency bins. This reduces the ability of
the system to resolve two frequencies, and can only be
overcome by using more data samples. This may not always
be possible because of other system constraints.
A common rule of thumb defines the resolution of an FFT
system as half the full width of the mainlobe. The width of the
mainlobe for a rectangular window is two frequency bins; for
the Hamming window it is four bins; for the Blackman-Harris
window it is six bins.
The latter two windows are actually supported by the
PDSP16515A. These are constructed on the fly as needed,
and take the general form:
D
I
R
PDSP16515
AUX
POWER
ON RESET
PARAMETERS
PDSP16116
COMPLEX
MULTIPLIER
SYSTEM
CLOCK
REAL
DATA
IMAG'
DATA
WINDOW
PROM
XR
XI
YI
YR
ZERO
COUNTER
CLK
FIRST
SAMPLE
SAMPLE
CLOCK
CLR
Figure. 9. External Window Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com