Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16515GCPR Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # PDSP16515GCPR
Description  Stand Alone FFT Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16515GCPR Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button PDSP16515GCPR Datasheet HTML 19Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 20Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 21Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 22Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 23Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 24Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 25Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 26Page - Mitel Networks Corporation PDSP16515GCPR Datasheet HTML 27Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PDSP16515A
24
Absolute Maximum Ratings [See Notes]
Supply voltage Vcc
-0.5V to 7.0V
Input voltage V
IN
-0.5V to Vcc + 0.5V
Output voltage V
OUT
-0.5V to Vcc + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to 150°C
Junction Temperature, Commercial
100
°C
Junction temperature, Industrial
115
°C
Junction Temperature, Military
155
°C
Package power dissipation
5000mW
Delay from output
high to output
high impedance
Test
Waveform - measurement
Delay from output
low to output
high impedance
H
V
0.5V
V
0.5V
L
1.5V
0.5V
1.5V
0.5V
Delay from output
high impedance to
output low
Delay from output
high impedance to
output high
V
- Voltage reached when output driven high
V
- Voltage reached when output driven low
H
L
Units
V
V
V
V
µA
pF
µA
mA
Symbol
V
OH
V
OL
V
IH
V
IL
I
IN
C
IN
I
OZ
I
SC
Min.
2.4
-
2.0
-
-10
-50
10
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output S/C current
Max.
-
0.4
-
0.8
+10
+50
300
Value
Typ.
10
Notes
I
OH = 4mA
I
OL = -4mA
SCLK, DIS, DOS, DEN need 3V
DEN needs 0.7V max
GND < V
IN < VCC
GND < V
OUT < VCC
V
CC = Max
SCLK to DIS/DOS RELATIONSHIP
Both DIS and DOS must be synchronous to SCLK. Ideally they should both be produced from SCLK, in which case the
SCLK rising edge would either be first or coincident with the DIS and DOS rising edges.
In any event, the rising edge of SCLK must not fall between 2ns and 10ns after the rising edge of either DIS or DOS
Electrical Characterisitcs
Operating Conditions (unless otherwise state)
PDSP16515A C0 Tamb =
0 C to + 70
°C. Vcc = 5.0v ± 5%
PDSP16515A B0 Tamb = -40 C to + 85
°C. Vcc = 5.0v ± 10%
PDSP16515A A0 Tamb = -55 C to +125
°C. Vcc = 5.0v ± 10%
Notes on Maximum Ratings
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded,
only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as positive into the device.
Switching Characteristics
Comm
Ind
Military
Characteristic
Symbol
Min
Max
Min
Max
Conditions
Clock Frequency (MHz)
∅
DC
45
DC
40
Max
∅ high time is 1msec
Clock High Period (ns)
T
CH
10
11
Clcok low Period (ns)
T
CL
910
Max DOS, DIS Frequency
∅
D
F
∅
F
∅
Less than 1024 points or Multi Dev Mode 1
Max DIS Frequency
∅
D
45
40
1024 points or Multi Dev Modes 2 and 3
Max DOS Frequency
∅
D
45
4
0
D15, DOS must be driven from
∅
Note F =
4
6 + 0.001
∅T
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com