Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SL2015 Datasheet HTML 4Page - Mitel Networks Corporation SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation SL2015 Datasheet HTML 10Page - Mitel Networks Corporation SL2015 Datasheet HTML 11Page - Mitel Networks Corporation SL2015 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
SL2015
Required SL2015 VCO
Byte 1
Byte2
Byte 3
Byte 4
Byte 5
Frequency (MHz)
Address
Prog Divider
Prog Divider
Prog Divider
Charge Pump
8 MSB's
8 LSB's
/Reference
and Port
Divider
Control
1500
C2
0B
B8
93
40
1600
C2
0C
80
93
40
1700
C2
0D
48
93
40
1800
C2
0E
10
93
40
1900
C2
0E
D8
93
40
2000
C2
0F
A0
93
40
2100
C2
10
68
93
40
2200
C2
11
30
93
40
2300
C2
11
F8
93
40
2400
C2
12
C0
93
40
Bottom of Band
C2
XX
XX
93
11
Top of Band
C2
XX
XX
93
10
Codes above are for Fcomp = 250kHz, prescaler enabled, giving Fstep = 500kHz.
X = Don't care
Table 1. Example I2C Hex codes for SP5659 synthesiser
Switching of SL2015 IF outputs
Port P0 is used to select the IF ouputs.
When Port P0 is OFF, IF output 1 is selected.
When Port P0 is ON, IF output 2 is selected.
Switching of SL2015 AGC
Port P1 is used to program the AGC gain.
When Port P1 is OFF, AGC is set to 4V (minimum gain).
When Port P1 is ON, the AGC is set to 1V (maximum gain).
SL2015 Operation
The SL2015 is a downconverter mixer oscillator with an
AGC amplifier, which when used with appropriate external
varactor tuned oscillator sustaining network performs the first
IF tuning function for a full band satellite receiver system.
In application the RF input of the device is interfaced
through appropriate impedance matching to the first IF signal,
which is down linked from the outdoor unit at typically 950-
2150MHz. The RF input preamplifier of the device is designed
for low noise figure and for low distortion so eliminating the
requirement for RF AGC. The preamplifier also provides gain
to the mixer section and back isolation from the local oscillator
section.
The output of the preamplifier is fed to the mixer section
where the RF signal is mixed with the local oscillator
frequency, which is generated by an on board oscillator. The
on board oscillator uses an external tuneable sustaining
network and is optimised for low phase noise. This section
also contains a buffer drive whose outputs can be used to
frequency lock the LO carrier to the required channel.
Signals from the mixer are then fed to the AGC IF amplifier,
which gives an overall conversion gain programmable from
-10 to +30 dB. The output of this stage can be switched to one
of two outputs to facilitate IF processing.
The SL2015 will mix an RF input signal from 950MHz -
2150MHz with its own local oscillator, and produce an IF signal
typically at 402.75MHz or 479.5MHz.
The device has a number of features, which may be either
programmable via a synthesiser and operated as part of a
dynamic AGC loop, or hardwired into a fixed mode.
There are a variety of parameters which can be measured
using this evaluation board.
Use with external oscillator.
For applications that require extremely good phase noise,
typically >-75dBc @ 10kHz across the band, it
is
recommended that the SL2017 together with an external local
oscillator is used.
The SL2017 is functionally equivalent to the SL2015,
however the tank inputs have been modified to act as a buffer
to an external VCO. Further details of this application are
shown in the SL2017 Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com