Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button SL2015 Datasheet HTML 9Page - Mitel Networks Corporation SL2015 Datasheet HTML 10Page - Mitel Networks Corporation SL2015 Datasheet HTML 11Page - Mitel Networks Corporation SL2015 Datasheet HTML 12Page - Mitel Networks Corporation SL2015 Datasheet HTML 13Page - Mitel Networks Corporation SL2015 Datasheet HTML 14Page - Mitel Networks Corporation SL2015 Datasheet HTML 15Page - Mitel Networks Corporation SL2015 Datasheet HTML 16Page - Mitel Networks Corporation SL2015 Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
SL2015
LO leakage to RF input
3,4,7,8
-30
dBm
LO leakage to IF outputs
7,8,12
-10
dBm
Maximum conversion gain
LO output drive
15,16
92
dB
µV
Differential into 100
Ω,
NB, synthesiser should be driven
differentially
LO output impedance
15,16
100
Ω
Differential
LO output return loss
15,16
8
dB
AGC gain control slope variation
20
Monotonic from V
EE to VCC. See Fig. 9
AGC control input current
20
-250
250
µA
Output select low voltage
10
0.7
V
O/P 2 enabled, O/P 1 disabled
Output select high voltage
10
V
CC-0.7
V
O/P 1 enabled, O/P 2 disabled
Output select low current
10
-50
µA
Output select high current
10
200
µA
IF output 1 & 2
12,13,
Output in enabled and disabled state
18,19
Output impedance
50
Ω
Single ended
Return loss
12
dB
IF output 1 to 2 isolation
12,13
30
dB
18,19
Characteristic
Value
Min
Typ
Max
Units
Conditions
Pin
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
T
AMB = -20°C to + 80°C, VCC= + 4.75V to 5·25V.
IF = 403.25MHz or 479.5MHz; IF bandwidth up to 54MHz maximum. RF input frequency = 950MHz -2150MHz.
Notes:
1. All dBm units refer to a 50
Ω system
2. Applies for any two carriers within band at -19dBm, and with AGC set for +5dB conversion gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com