Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation SL2015 Datasheet HTML 10Page - Mitel Networks Corporation SL2015 Datasheet HTML 11Page - Mitel Networks Corporation SL2015 Datasheet HTML 12Page - Mitel Networks Corporation SL2015 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
SL2015
Measurement of Phase Noise.
This is best measured by looking at the IF output of the
SL2015. The IF should be fed to a spectrum analyser, where
it can be interpreted.
There are two common methods of doing this:
a) using phase noise analysis software (such a HP85671A
phase noise program)
b) direct measurement of the noise floor at the chosen offset
frequency, and conversion to a dBc/Hz figure.
Since method a) will depend on the software used, a
description of method b) will be given only.
To measure phase noise at 10kHz offset:
a) tune the centre frequency of the spectrum analyer to the
IF - e.g. 479.5MHz
b) Set the span initially wide (10MHz or greater). Gradually
reduce this until it is set to 50kHz or less, taking care to ensure
that the centre frequency of the display matches the IF peak.
c) perform a peak search
d) set marker delta to 10kHz
e) set video averaging ON to ensure that a representative
measurement of the noise floor at the chosen offset frequency
is made.
f)
record the level of noise at the 10kHz offset compared to
the peak IF level (in dBc).
Measurement of Conversion Gain
(from a 50
Ω source)
a) Connect an RF signal generator to the RF input to the
SL2015.
b) Connect an IF output to a spectrum analyser.
c) Feed the SL2015 with the appropriate signal level,
depending on AGC setting, required output, etc.
d) Note the relative difference in the input and IF level in dB.
This is the conversion gain of the device.
For increased accuracy, the input signal level should also
be checked with a spectrum analyser, since any level
measurement errors that exist within the analyser will then be
relative, rather than literal.
The AGC voltage may be varied and conversion gain
measured at different AGC voltages.
Care must be taken to ensure that the LO is stable, since any
instability will reduce the averaged peak LO value, thus giving
a falsely low phase noise reading.
g) convert the measured reading to a 1Hz bandwidth.
e.g.
A measured phase noise of -50dBc/1kHz bandwidth
(RBW of 1kHz) corresponds to -80dBc/Hz.
Since noise floor must be reduced by the ratio of the two
bandwidths
i.e. 10 log 1kHz/1Hz = 30dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com