Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL2015 Datasheet HTML 1Page - Mitel Networks Corporation SL2015 Datasheet HTML 2Page - Mitel Networks Corporation SL2015 Datasheet HTML 3Page - Mitel Networks Corporation SL2015 Datasheet HTML 4Page - Mitel Networks Corporation SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
SL2015
QUICK REFERENCE DATA
Characteristic
Units
RF input noise figure
16
dB
Maximum conversion gain
33
dB
Minimum conversion gain
-5
dB
IF1 and IF2 output gain match
2
dB
IP3
2T
input referred at minimum conversion gain
+3
dBm
IP2
2T
input referred at minimum conversion gain
+17
dBm
LO phase noise at 10kHz
-75
dBc/Hz
Fig. 2
Block diagram
TANKB TANK
8
7
16
15
LO OUTPUT
LO OUTPUTB
19
18
IF OUTPUT1
IF OUTPUT1B
13
12
IF OUTPUT2
IF OUTPUT2B
20
AGC CONTROL
10
IF-OP-SEL
3
4
RF INPUTB
RF INPUT
5,6,17
1,2,9,11,14
VCC
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com