Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SL2015 Datasheet HTML 1Page - Mitel Networks Corporation SL2015 Datasheet HTML 2Page - Mitel Networks Corporation SL2015 Datasheet HTML 3Page - Mitel Networks Corporation SL2015 Datasheet HTML 4Page - Mitel Networks Corporation SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
SL2015
Fig. 8 P1dB with gain setting (typical)
-10
-20
-30
+10
+30
+20
X
X
X
0
-10
Gain setting (dB)
AGC voltage (V)
-20
-15
-10
-5
0
5
10
15
20
25
30
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
35
Fig.9 Gain variation with AGC voltage (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com