Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SL2015 Datasheet HTML 1Page - Mitel Networks Corporation SL2015 Datasheet HTML 2Page - Mitel Networks Corporation SL2015 Datasheet HTML 3Page - Mitel Networks Corporation SL2015 Datasheet HTML 4Page - Mitel Networks Corporation SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
SL2015
The SL2015 is a downconverter mixer oscillator with an
output AGC amplifier, when used with appropriate external
varactor tuned oscillator sustaining network performs the first
IF tuning function for a full band satellite receiver system. A
block diagram is contained in Fig. 2.
In application the RF input of the device is interfaced
through
appropriate
impedance matching to the first IF
signal, which is downlinked from the outdoor unit at typically
950-2150MHz. The RF input preamplifier of the device is
designed for low noise figure and for low distortion so
eliminating the requirement for RF AGC. The preamplifier
also provides gain to the mixer section and back isolation from
the local oscillator section.
The output of the preamplifier is fed to the mixer section
where the RF
signal is mixed with the local oscillator
frequency, which is generated by an on-board oscillator. The
oscillator block uses an external tunable sustaining network
and is optimised for low phase noise. This section also
contains a buffer drive whose outputs can be used to
frequency lock the LO carrier to the required channel.
Signals from the mixer are fed to the AGC IF amplifier,
which gives an overall conversion gain programmable from
-10 to +30dB. The output of this stage can be switched to one
of two outputs to facilitate IF processing.
FUNCTIONAL DESCRIPTION
Fig. 3
RF input matching network
Fig. 4 VCO application circuit
6.2nH
TO DEVICE
0.7pF
6mm STRIPLINE
Fig. 5 LO phase noise variation with frequency (typical)
2 x 1T379
10k
Ω
Vcnt
0.75p
TANK
TANKB
0.75p
6mm STRIPLINE
SL2015 phase noise
-78.00
-76.00
-74.00
-72.00
-70.00
-68.00
-66.00
-64.00
-62.00
1400
1600
1800
2000
2200
2400
2600
2800
LO frequencyMHz
LO frequency MHz
Lo frequency MHz
SL2015 phase noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com