Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2015 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL2015 Datasheet HTML 1Page - Mitel Networks Corporation SL2015 Datasheet HTML 2Page - Mitel Networks Corporation SL2015 Datasheet HTML 3Page - Mitel Networks Corporation SL2015 Datasheet HTML 4Page - Mitel Networks Corporation SL2015 Datasheet HTML 5Page - Mitel Networks Corporation SL2015 Datasheet HTML 6Page - Mitel Networks Corporation SL2015 Datasheet HTML 7Page - Mitel Networks Corporation SL2015 Datasheet HTML 8Page - Mitel Networks Corporation SL2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
s Single chip full band solution, compatible with
digital and analog transmissions
s Low noise RF input
s High input signal handling to eliminate the
requirement for front end AGC
s Low phase noise local oscillator
s No prescaler in LO output drive, optimal
architecture for low phase noise applications
s Low radiation design
s IF AGC amplifier with dual selectable outputs
s ESD protection. (Normal ESD handling
procedures should be observed)
ORDERING INFORMATION
SL2015/KG/QP1S
(Tubes)
SL2015/KG/QP1T (Tape and Reel)
The SL2015 is a fully integrated mixer oscillator with output
AGC, intended primarily for application in satellite tuners,
where it downconverts the first high IF from the outdoor unit to
the second IF for data demodulation.
The device contains a low noise RF input amplifier and
mixer functioning to 2.15GHz, an integrated low phase noise
local oscillator and an AGC IF output buffer amplifier. The IF
signal is available at one of two outputs selected by the IF-OP-
SEL input.
The signal handling of the SL2015 is sufficient to greatly
simplify or remove the requirement for input AGC with
appropriate image filtering in full band systems, or to remove
the requirement for band limit filtering with appropriate AGC
in half band systems.
APPLICATIONS
s Satellite tuners
s Communications systems
PIN 1
REF. SPOT
Fig.1 Pin connections - top view
V
EE
V
EE-RF
RF INPUTB
RF INPUT
V
CC-RF
V
CC-LO
TANK
TANKB
V
EE-LO
IF-OP-SEL
AGC CONTROL
IF OUTPUT1
IF OUTPUT1B
V
CC-IF
LO OUTPUT
LO OUTPUTB
V
EE-IF
IF OUTPUT2B
V
EE
IF OUTPUT2
QP20
SL2015
Full Band Satellite Tuner
Advance Information
Supersedes April 1997 version, DS4548 - 2.1
DS4593 - 3.2 February 1998


Similar Part No. - SL2015

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL20150 CHENDA-SL20150 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL2015

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFH78G14 SHARP-BSFH78G14 Datasheet
53Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
logo
Mitel Networks Corporat...
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
Full Band Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com