Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5877AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
DVSS = AVSS = XVSS = 0 V, AVDD = AVDDL = AVDDR
Recommended Operating Conditions
Normal-voltage: DVSS = AVSS = XVSS = 0 V, AVDD = AVDDL = AVDDR
1. Pins MUTE, DEEM, BCKI, DI, LRCI, TSTN, DS, RSTN, MODE and ATCK.
Also applicable during supply switching.
10
TO1
O
Test output 1. Normally LOW.
11
AVDDL
Left-channel analog supply pin
12
LO
O
Left-channel analog output
13
AVSS
Analog ground pin
14
RO
O
Right-channel analog output
15
AVDDR
Right-channel analog supply pin
16
MUTEO
O
Infinity-zero detection output
17
XVDD
Crystal oscillator supply pin
18
XTI
I
Crystal oscillator or 16.9344 MHz external clock input pin
19
XTO
O
Crystal oscillator output pin
20
XVSS
Crystal oscillator ground pin
21
DS
Ip
Double/Normal-speed mode select. Double-speed mode when HIGH.
22
RSTN
Ip
Reset pin. Reset when LOW.
23
MODE
Ip
Soft mute/attenuator mode select. Soft mute mode when HIGH.
24
ATCK
Ip
Attenuator level setting clock. Disabled when MODE is HIGH.
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDD, XVDD
−0.3 to 7.0
V
Input voltage range1
VIN1
DVSS − 0.3 to DVDD + 0.3
V
XTI input voltage range
VIN
XVSS − 0.3 to XVDD + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
250
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Rating
Unit
Supply voltage range
DVDD, AVDD, XVDD
4.5 to 5.5
V
Supply voltage variation
DVDD − XVDD,
DVDD − AVDD,
XVDD − AVDD,
DVSS − XVSS,
DVSS − AVSS,
XVSS − AVSS
±0.1
V
Operating temperature range
Topr
−40 to 85
°C
Number
Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com