Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5877AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—7
Control input (MUTE, MODE, ATCK, DEEM, DS)
Control input timing
Reset Input (RSTN)
Parameter
Symbol
Rating
Unit
min
typ
max
ATCK LOW-level pulsewidth
tATWL
0.5/fs
–
–
µs
ATCK HIGH-level pulsewidth
tATWH
0.5/fs
–
–
µs
MUTE setup time
tMUS
100
–
–
ns
MUTE hold time
tMUH
100
–
–
ns
MODE setup time
tMOS
100
–
–
ns
MODE hold time
tMOH
100
–
–
ns
Rise time
tr
–
–
50
ns
Fall time
tf
–
–
50
ns
Parameter
Symbol
Rating
Unit
min
typ
max
RSTN LOW-level pulsewidth after supply rising
edge
tRSTN
50
–
–
ns
ATCK
MUTE
MODE
1.5 V
1.5 V
tATWL
tATWH
tMUS
tMUH
tMOS
tMOH
tr
tf
DEEM
DS
MUTE
MODE
ATCK
1.5 V
2.4 V
0.5 V
2.4 V
0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com