Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5877AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—6
External clock input
XTI input clock
Serial input (BCKI, DI, LRCI)
Serial input timing
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
26.0
29.5
125
ns
LOW-level clock pulsewidth
tCWL
26.0
29.5
125
ns
Clock pulse cycle
tXI
56.0
59.0
250
ns
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50
ns
BCKI LOW-level pulsewidth
tBCWL
50
ns
BCKI pulse cycle
tBCY
6tXI
––
ns
DI setup time
tDS
50
ns
DI hold time
tDH
50
ns
Last BCKI rising edge to LRCI edge
tBL
50
ns
LRCI edge to first BCKI rising edge
tLB
50
ns
0.5VDD
VIH1
VIL1
tCWH
tCWL
tXI
DI
BCKI
LRCI
tDS
tDH
tBL
tLB
tBCWH
tBCWL
tBCY
1.5 V
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com