Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5877AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—5
Low-voltage: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 2.7 to 4.5 V, AVDD = AVDDL = AVDDR,
Ta = −20 to 70 °C
AC Electrical Characteristics
Normal-voltage: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 4.5 to 5.5 V, AVDD = AVDDL =
AVDDR, Ta = −40 to 85 °C
Low-voltage: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 2.7 to 4.5 V, AVDD = AVDDL = AVDDR,
Ta = −20 to 70 °C
System clock (XTI)
Crystal Oscillator
1. DVDD = AVDD = XVDD = 3 V, DS = 0 V (normal speed), XTI clock input frequency fXTI = 16.9344 MHz, no output load.
2. IDDA is the total current.
3. Pins MUTE, DEEM, BCKI, DI, LRCI, TSTN, DS, RSTN, MODE and ATCK.
4. Pins TO1 and MUTEO.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD digital supply current1
IDDD
–69
mA
XVDD system clock supply
current1
IDDX
–13
mA
AVDD analog supply current1
IDDA
2
–12
mA
XTI HIGH-level input voltage
VIH1
Clock input
0.7XVDD
––
V
XTI LOW-level input voltage
VIL1
Clock input
–
–
0.3XVDD
V
XTI AC-coupled input voltage
VINAC
0.3XVDD
––
Vp-p
HIGH-level input voltage3
VIH2
2.4
–
–
V
LOW-level input voltage3
VIL2
–
–
0.5
V
HIGH-level output voltage4
VOHA
IOH = −0.5 mA
AVDD −
0.4
––
V
LOW-level output voltage4
VOLA
IOL = 0.5 mA
–
–
0.4
V
CKO HIGH-level output voltage
VOHC
IOH = −0.5 mA
DVDD −
0.4
––
V
CKO LOW-level output voltage
VOLC
IOL = 0.5 mA
–
–
0.4
V
XTI HIGH-level input current
IIH1
VIN = XVDD
–4
15
µA
XTI LOW-level input current
IIL1
VIN = 0 V
–
4
15
µA
LOW-level input current4
IIL2
VIN = 0 V
–
4
15
µA
Input leakage current4
ILH
VIN = DVDD
–
–
1.0
µA
Parameter
Symbol
Rating
Unit
min
typ
max
Oscillator frequency
fOSC
4.0
16.9344
17.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com