Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—16
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9501AE
1995.06
NIPPON PRECISION CIRCUITS INC.
Double Speed
Note that the output analog characteristics and other
specifications are not guaranteed for a particular for-
mat or application circuit. Pins LO and RO should
have an output load of 10 k
Ω (min).
Matsushita
MN6617
SM5877
SEL
X1
R/L
SRDATA
SRCK
CKO
LRCI
DI
BCKI
16.9344 MHz
44.1 kHz
2.1168 MHz
XTI
XTO
16.9344 MHz crystal
DS
IPSEL
Sony
CXD2500
SM5877
PSSL
XTAI
LRCK
DA16
DA15
CKO
LRCI
DI
BCKI
16.9344 MHz
44.1 kHz (88.2 kHz)
2.1168 MHz (4.2336 MHz)
XTI
XTO
16.9344 MHz crystal
DS
Normal/double
speed control
( ) indicate double-speed mode
Normal
Double speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com