Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5877AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
3rd-order
Σ∆, 2-channel D/A Converter
OVERVIEW
The SM5877AM is a 3rd-order
Σ∆, 2-channel D/A
converter LSI for digital audio reproduction equip-
ment. It also incorporates an 8-times oversampling
digital filter and analog, post-converter lowpass fil-
ters.
The SM5877AM has digital deemphasis filter, atten-
uator, and soft mute circuits built-in. Double-speed
operation and low-voltage operation are also sup-
ported.
The SM5877AM operates from a 2.7 to 5.5 V supply,
and is available in 24-pin SSOPs.
FEATURES
s
2.7 to 5.5 V operating supply voltage range
s
4.5 to 5.5 V operating supply voltage range for
double-speed mode
s
44.1 kHz sampling frequency
s
Normal
(384fs)
and
double-speed
(192fs),
16.9344 MHz system clock
s
16.9344 MHz crystal oscillator circuits built-in
s
16-bit, MSB first, rear-packed serial data input
format (
≤ 64fs bit clock)
s
8-times oversampling digital filter
• 32 dB stopband attenuation
•
±0.05 dB passband ripple
s
Deemphasis filter operation
• 36 dB stopband attenuation
•
−0.09 to +0.23 dB deviation from ideal deem-
phasis filter characteristics
s
Attenuator
• 6-bit attenuator (64 steps)
• Soft mute function when MODE is HIGH
(approx. 1024/fs total muting time)
s
Built-in infinity-zero detector
s
Σ∆ 2-channel D/A converter
• 3rd-order noise shaper
• 32fs oversampling (16fs for double-speed
mode)
s
3rd-order analog, post-converter lowpass filters
built-in (165 kHz cut-off frequency)
s
24-pin SSOP
s
Molybdenum-gate CMOS process
PINOUT
PACKAGE DIMENSIONS
Unit: mm
24-pin SSOP
Package Marking
1
MUTE
2
DEEM
3
CKO
4
DVSS
5
BCKI
6
DI
7
DVDD
8
LRCI
9
TSTN
10
TO1
11
AVDDL
12
LO
13
AVSS
14
RO
15
AVDDR
16
MUTEO
17
XVDD
18
XTI
19
XTO
20
XVSS
21
DS
22
RSTN
23
MODE
24
ATCK
SM5877AM
0.7
0.8
0.36 0.10
10.20 0.30
10.05 0.20
0.15
+ 0.1
− 0.05
010
0.50 0.20
M
A
7
7
8
5
M
S


Similar Part No. - SM5877AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Similar Description - SM5877AM

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Nippon Precision Circui...
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
3rd-order, 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
3rd-order , 2-channel D/A converter
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
3rd-order , 2-channel D/A Converter
logo
fujitsu semiconductor
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
logo
Nippon Precision Circui...
SM588X NPC-SM588X Datasheet
196Kb / 16P
Audio 3rd-order D/A Converter
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
8-Bit, 2-Channel D-A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com