Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877AM Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5877AM
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877AM Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5877AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5877AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—14
Deemphasis Filter (DEEM)
The built-in digital deemphasis filter is designed to
operate at 44.1 kHz. Deemphasis is ON when DEEM
is HIGH, and OFF when DEEM is LOW.
Attenuation (MDT, MCK, MLEN)
The digital attenuation mode is selected when
MODE is LOW. The attenuator operates by multi-
plying the internal 6-bit up/down counter’s output
data with the signal data.
The direction of the 6-bit up/down counter is con-
trolled by the level on MUTE (down when MUTE is
HIGH, and up when MUTE is LOW). The count is
advanced on the rising edge of ATCK.
When the count reaches 0 (down) or 63 (up), the
counter automatically stops.
The gain is set by the counter contents DATT as fol-
lows.
Upon system initialization or when MODE changes
state, DATT is set to 63, which corresponds to the
maximum gain of 0 dB as shown in table 2.
Gain
20
DATT
63
----------------


log
×
[dB]
=
Soft Mute (SMUTE)
Table 2. Attenuator gain
DATT
Gain (dB)
DATT
Gain (dB)
DATT
Gain (dB)
DATT
Gain (dB)
63
0.0
47
−2.545
31
−6.160
15
−12.465
62
−0.139
46
−2.732
30
−6.444
14
−13.064
61
−0.280
45
−2.923
29
−6.739
13
−13.708
60
−0.424
44
−3.118
28
−7.044
12
−14.403
59
−0.570
43
−3.317
27
−7.360
11
−15.159
58
−0.718
42
−3.522
26
−7.687
10
−15.987
57
−0.869
41
−3.731
25
−8.028
9
−16.902
56
−1.023
40
−3.946
24
−8.383
8
−17.925
55
−1.180
39
−4.166
23
−8.752
7
−19.085
54
−1.339
38
−4.391
22
−9.138
6
−20.424
53
−1.501
37
−4.623
21
−9.542
5
−22.007
52
−1.667
36
−4.861
20
−9.966
4
−23.946
51
−1.835
35
−5.105
19
−10.412
3
−26.444
50
−2.007
34
−5.357
18
−10.881
2
−29.966
49
−2.183
33
−5.617
17
−11.378
1
−35.987
48
−2.362
32
−5.884
16
−11.904
0
−∞
Soft mute mode is selected when MODE is HIGH.
The up/down counter is switched to internal clock
drive, and soft mute operation is controlled by
MUTE only.
When MUTE goes HIGH, the up/down counter
counts down. The total time to go from 0 to maxi-
mum mute is 1024/fs. This corresponds to approxi-
mately 23.2 ms at fs = 44.1 kHz.
When MUTE is LOW, soft mute is released. The
attenuation counter output counts up, increasing the
gain. The time taken to return to 0 dB is also 1024/fs.
Soft
mute
operation
is
shown
in
figure
2.
Upon system initialization or when MODE changes
state, mute is released, which corresponds to the
maximum gain of 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com