Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4328 Datasheet HTML 3Page - Cirrus Logic CS4328 Datasheet HTML 4Page - Cirrus Logic CS4328 Datasheet HTML 5Page - Cirrus Logic CS4328 Datasheet HTML 6Page - Cirrus Logic CS4328 Datasheet HTML 7Page - Cirrus Logic CS4328 Datasheet HTML 8Page - Cirrus Logic CS4328 Datasheet HTML 9Page - Cirrus Logic CS4328 Datasheet HTML 10Page - Cirrus Logic CS4328 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
latch data. Table 2 lists the four formats, along
with the associated figure number. Format 0 is
compatible with existing 16-bit D/A converters
and digital filters. Format 1 is an 18-bit version
of format 0. Format 2 is similar to Crystal ADCs
and many DSP serial ports. Format 3 is compat-
ible with the I
2S serial data protocol. Formats 2
and 3 support 18-bit input or 16-bit followed by
two zeros. In all four serial input modes, the se-
rial data is MSB-first and 2’s-complement
format.
Formats 0, 2 and 3 will operate with 16-bit data
and 16 BICK pulses as well. See Figure 6 for
1 6 - bit
timing.
However,
th e
use
of
BICK = 64
× IWR is recommended to minimize
the possibility of performance degradation result-
ing from BICK coupling into VREF-.
Reset and Offset Calibration
RST is an active low signal that resets the digital
filter and the delta-sigma modulator, synchro-
nizes LRCK with internal control signals and
starts an offset calibration cycle upon exiting re-
set. When RST goes low, CALO goes high and
stays high until the end of an offset calibration
cycle. An offset calibration cycle takes 1024
IWR cycles to complete. CALO must be con-
nected to CALI and CMPO must be connected
to CMPI for offset calibration. During an offset
calibration the analog output is forced to zero.
Power-Up Considerations
Upon initial application of power to the DAC,
offset calibration and digital filter registers will
be indeterminate. RST should be low during
power-up to activate an internal mute and pre-
vent this erroneous information from being
output from the DAC. Bringing RST high will
begin a calibration cycle and initialize these reg-
isters.
Muting
There are two types of mutes that can be imple-
mented with the CS4328. The first is a -50 dB
DIF1
DIF0
Mode
Figure
00
0
3
01
1
3
10
2
4
11
3
5
Table 2. Digital Input Formats
XTI/XTO
Reset Status
40 ns
minimum
40 ns
minimum
Exit Reset
LRCK
"Kickstart"
ACK0
RST
Figure 2. RESET Cancellation Timing
CS4328
DS62F3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com