Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4328 Datasheet HTML 1Page - Cirrus Logic CS4328 Datasheet HTML 2Page - Cirrus Logic CS4328 Datasheet HTML 3Page - Cirrus Logic CS4328 Datasheet HTML 4Page - Cirrus Logic CS4328 Datasheet HTML 5Page - Cirrus Logic CS4328 Datasheet HTML 6Page - Cirrus Logic CS4328 Datasheet HTML 7Page - Cirrus Logic CS4328 Datasheet HTML 8Page - Cirrus Logic CS4328 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Figure 1. Typical Connection Diagram
CS4328
D/A CONVERTER
CKS
TST
VD+
VA+
AGND1
DGND
11
10
17
25
4
1
16
3
+5V Digital
+5V
Analog
AGND2
AGND3
0.1
µF
DIF0
DIF1
13
12
Mode
Select
ACKI
22
ACKO
24
XTI
15
XTO
14
20
LRCK
Audio
Data
Processor
BICK
SDATAI
19
18
0.1
µF
7
NC
23
NC
RST
9
Power Up/
Cal. Control
15 pF
1.2 M
10 pF
External Clock
74HC
device
optional crystal oscillator
10
µF
+
10
µF
+
VA-
0.1
µF
5
-5V
Analog
10
µF
+
VREF-
28
0.1
µF
10
µF
+
21
CALO
CALI
27
6
CMPI
8
CMPO
AOUTL
AOUTR
2
26
10 nF
NPO
10 nF
NPO
51
Ω
51
Ω
0.1
µF
CS4328
DS62F3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com