Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4328 Datasheet HTML 1Page - Cirrus Logic CS4328 Datasheet HTML 2Page - Cirrus Logic CS4328 Datasheet HTML 3Page - Cirrus Logic CS4328 Datasheet HTML 4Page - Cirrus Logic CS4328 Datasheet HTML 5Page - Cirrus Logic CS4328 Datasheet HTML 6Page - Cirrus Logic CS4328 Datasheet HTML 7Page - Cirrus Logic CS4328 Datasheet HTML 8Page - Cirrus Logic CS4328 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SWITCHING CHARACTERISTICS
(TA = 25
°C; VA+, VD+ = 5V ± 5%; VA- = -5V ± 5%; Inputs: Logic 0 = 0V, Logic 1 = VD+, CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency using Internal Oscillator:
CKS=H
XTI/XTO
10.7
-
19.2
MHz
CKS=L
-
7.1
-
13.9
MHz
Master Clock Frequency using External Clock:
CKS=H
XTI/XTO
0.384
-
19.2
MHz
CKS=L
-
0.256
-
13.9
MHz
XTI/XTO Pulse Width Low
-
21
-
-
ns
XTI/XTO Pulse Width High
-
21
-
-
ns
BICK Pulse Width Low
tbickl
30
-
-
ns
BICK Pulse Width High
tbickh
30
-
-
ns
BICK Period
tbickw
80
-
-
ns
BICK rising to LRCK edge delay
(Note 6)
tblrd
35
-
-
ns
BICK rising to LRCK edge setup time
(Note 6)
tblrs
35
-
-
ns
SDATAI valid to BICK rising setup time
(Note 6)
tsbs
35
-
-
ns
BICK rising to SDATAI hold time
(Note 6)
tbsh
35
-
-
ns
RST Minimum Pulse Width Low
2 periods of XTI/XTO
Note:
6. "BICK rising" refers to modes 0, 1, and 3. For mode 2, replace "BICK rising" with "BICK falling."
bickh
t
blrs
t
blrd
t
sbs
t
bsh
t
bickl
t
SDATAI
BICK
LRCK
bickh
t
blrs
t
blrd
t
sbs
t
bsh
t
bickl
t
SDATAI
BICK
LRCK
MSB
MSB-1
Serial Input Timing (Modes 0, 1, &3)
Serial Input Timing (Mode 2)
CS4328
4
DS62F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com