Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4328 Datasheet HTML 10Page - Cirrus Logic CS4328 Datasheet HTML 11Page - Cirrus Logic CS4328 Datasheet HTML 12Page - Cirrus Logic CS4328 Datasheet HTML 13Page - Cirrus Logic CS4328 Datasheet HTML 14Page - Cirrus Logic CS4328 Datasheet HTML 15Page - Cirrus Logic CS4328 Datasheet HTML 16Page - Cirrus Logic CS4328 Datasheet HTML 17Page - Cirrus Logic CS4328 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
capacitor, where the polarity of each packet is
controlled by the 1-bit signal.
The result is a
1-bit D/A conversion process that is very insensi-
tive to clock jitter. This is a major improvement
over previous generations of 1-Bit D/A convert-
ers where the magnitude of charge in the D/A
process is determined by switching a current ref-
erence for a period of time defined by periods of
the master clock.
The final stage of the CS4328 is made up of a
5th order switched-capacitor low pass filter and a
2nd order continuous time filter. The switched-
capacitor filter eliminates out-of-band energy re-
su lting from the n o ise sh ap ing proces s
(Figure 25). The switched-capacitor stage scales
with the master clock signal being applied to the
CS4328. The final stage is a 2nd order continu-
ous time filter that eliminates high frequency
energy that appears at multiples of the 64
× Fs
sample rate (Figure 26).
Figures 27-30 are computer simulations of the
combined response of the CS4328 digital and
analog filters with an input word rate of 48 kHz.
Figure 27 shows the individual and combined
phase response of the CS4328 filters. Notice the
digital filter equalization of the analog filter to
produce a linear phase response.
Figures 28-30 are plots of the CS4328 magni-
tude response.
0
2
4
6
8
10
12
14
16
18
20
Frequency (kHz)
-20
-16
-12
-8
-4
0
4
8
12
16
20
Analog Filter
Digital Filter
Total Phase
Figure 27. Deviation From Linear Phase
f (kHz)
24
64Fs
(dB)
Figure 25. Spectrum After Switched-Capacitor Filter
f (kHz)
24
(dB)
Figure 26. Spectrum After Continuous Time Filter
CS4328
14
DS62F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com