Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4328 Datasheet HTML 12Page - Cirrus Logic CS4328 Datasheet HTML 13Page - Cirrus Logic CS4328 Datasheet HTML 14Page - Cirrus Logic CS4328 Datasheet HTML 15Page - Cirrus Logic CS4328 Datasheet HTML 16Page - Cirrus Logic CS4328 Datasheet HTML 17Page - Cirrus Logic CS4328 Datasheet HTML 18Page - Cirrus Logic CS4328 Datasheet HTML 19Page - Cirrus Logic CS4328 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VA+ - Positive Analog Power, PIN 3.
Positive analog supply. Nominally +5 volts.
VA- - Negative Analog Power, PIN 5.
Negative analog supply. Nominally -5 volts.
AGND1, AGND2, AGND3 - Analog Grounds, PINS 1, 4, 25.
Analog ground reference.
VD+ - Positive Digital Power, PIN 16.
Positive supply for the digital section. Nominally +5 volts.
DGND - Digital Ground, PIN 17.
Digital ground for the digital section.
Analog Outputs
VREF- - Voltage Reference Output, PIN 28.
Nominally -3.68 volts. Normally connected to a 0.1
µF ceramic capacitor in parallel with a
10
µF or larger electrolytic capacitor. Note the negative output polarity.
AOUTL - Analog Left Channel Output, PIN 2.
Analog output for the left channel. Typically 4V peak-to-peak for a full-scale input signal.
AOUTR - Analog Right Channel Output, PIN 26.
Analog output for the right channel. Typically 4V peak-to-peak for a full-scale input signal.
ANALOG GROUND AGND1
VREF-
VOLTAGE REFERENCE OUTPUT
ANALOG LEFT CHANNEL OUTPUT AOUTL
CALI
CALIBRATION INPUT
ANALOG POWER
VA+
AOUTR ANALOG RIGHT CHANNEL OUTPUT
ANALOG GROUND AGND2
AGND3 ANALOG GROUND
NEGATIVE ANALOG POWER
VA-
ACKI
ANALOG CLOCK INPUT
COMPARATOR OUTPUT
CMPO
NC
NO CONNECT
NO CONNECT
NC
ACKO
ANALOG CLOCK OUTPUT
COMPARATOR INPUT
CMPI
CALO
CALIBRATION OUTPUT
RESET
RST
LRCK
LEFT/RIGHT CLOCK INPUT
TEST
TST
BICK
SERIAL BIT CLOCK INPUT
CLOCK SELECT
CKS
SDATAI SERIAL DATA INPUT
DIGITAL INPUT FORMAT 1
DIF1
DGND
DIGITAL GROUND
DIGITAL INPUT FORMAT 0
DIF0
VD+
DIGITAL POWER
CRYSTAL OR CLOCK INPUT
XTI
XTO
CRYSTAL OSCILLATOR OUTPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CS4328
16
DS62F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com