Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4328 Datasheet HTML 7Page - Cirrus Logic CS4328 Datasheet HTML 8Page - Cirrus Logic CS4328 Datasheet HTML 9Page - Cirrus Logic CS4328 Datasheet HTML 10Page - Cirrus Logic CS4328 Datasheet HTML 11Page - Cirrus Logic CS4328 Datasheet HTML 12Page - Cirrus Logic CS4328 Datasheet HTML 13Page - Cirrus Logic CS4328 Datasheet HTML 14Page - Cirrus Logic CS4328 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
vs
-100
-98
-96
-94
-92
-90
-88
-86
-84
-82
-80
THD+N(dBr)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
GENAMP(dBFS)
CRYSTAL THDAM18A
Figure 12. THD+N vs 18-bit Input Signal Level
CRYSTAL TR20R
vs
-10
-8
-6
-4
-2
0
2
4
6
8
10
BANDPASS(dBr)
-120
-110
-100
-90
-80
-70
-60
LEVEL(dBr)
Figure 13. Fade-to-Noise Linearity
CRYSTAL
IMPULSE
vs
-0.500
-0.083
0.333
0.750
1.167
1.583
2.000
AMP1(V)
0.0
95.8
192
287
383
479
575
670
766
862
TIME(usec)
Figure 14. Impulse Response
CRYSTAL
FRQRSP48
vs
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
AMPL(dBr)
10
100
1k
10k
30k
GENFRQ(Hz)
Figure 9. Frequency Response (48 kHz word rate)
CRYSTAL NOISE
&
vs
-160
-140
-120
-100
-80
-60
-40
-20
0
AMP1(dBr)
AMP1(dBr)
0.02
9.82
19.6
29.4
39.2
49.0
58.8
68.6
78.4
88.2
98.0
FREQ(kHz)
Figure 10. Muted Idle Channel Noise
CRYSTAL NOISEUNM
vs
-160
-140
-120
-100
-80
-60
-40
-20
0
AMP1(dBr)
0.02 9.82
19.6
29.4
39.2
49.0
58.8
68.6
78.4
88.2
98.0
FREQ(kHz)
Figure 11. Unmuted Idle Noise
CS4328
DS62F3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com