Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4328 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4328 Datasheet HTML 19Page - Cirrus Logic CS4328 Datasheet HTML 20Page - Cirrus Logic CS4328 Datasheet HTML 21Page - Cirrus Logic CS4328 Datasheet HTML 22Page - Cirrus Logic CS4328 Datasheet HTML 23Page - Cirrus Logic CS4328 Datasheet HTML 24Page - Cirrus Logic CS4328 Datasheet HTML 25Page - Cirrus Logic CS4328 Datasheet HTML 26Page - Cirrus Logic CS4328 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
The CS4328 supports four serial data input for-
mats. The selection of which is made via the
digital input format pins DIF0 and DIF1. The
different formats control the relationship of L/R
to SDATA and the edge of SCLK used to latch
the data. Consult the CS4328 data sheet for an
explanation of the different formats.
System Timing
The master clock input to the CS4328 can be
provided by several sources. JP3 selects the
source of the master clock that is to be supplied
to the XTI pin of the converter.
When EXT
CLK is selected, the master clock is provided by
one of two sources. The 12.288 MHz clock sig-
nal provided by U8 can be used as the master
clock for both the CS4328 and the external sys-
tem that provides the serial data to the board.
The other option is for a master clock that is
synchronized to the external serial data coming
into the board, be used as the master clock for
the CS4328 as well.
However, if an external
NC
NC
LRCK
BICK
SDATAI
XTI
XTO
RST
CKS
DIFO
DIFI
VREF
AOUTR
AOUTL
CALI
CALO
CMPI
CMPO
AGND3
AGND2
AGND1
VA+
ACKI
ACKO
VD+
VD+
11
13
VD+
12
R11
47k
Ω
10
17
TST DGND
28
26
C19
10 nF NPO
C16
0.1 uF
C17
10 uF
51
Ω
R6
2
C18
10 nF NPO
51
Ω
R5
VA-
-5V Analog,
VA-
+5V Analog,
VA+
+
C24
1.0 uF
C23
0.1 uF
C22
0.1 uF
AOUTL
AOUTR
VD+
1 uF
C26
0.1 uF
C25
U3, Pin 3
U3, Pin 6
U3, Pin 8
U3, Pin 11
L/R SCLK SDATA MCLK
15
14
18
19
20
7
23
9
From
Reset
Circuit
+
16
22
24
1
5
4
25
6
8
21
27
3
U1
CS4328
C20
1.0 uF
C21
0.1 uF
TP
TP
TP
TP
+
+
TP
TP
JP2
Figure 2. CS4328 DAC Connections
Position
Input Option Selected
EXT CLK
SDATA,SCLK, L/R provided
by an external source.
8412
SDATA,SCLK, L/R provided
by the CS8412
Table 1. JP3 Selectable Options
CDB4328
DS62DB2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com